Electronic Components Datasheet Search
  English  ▼

X  

BF620 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BF620
Description  Silicon NPN epitaxial planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BF620 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BF620 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BF620 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Silicon NPN epitaxial planer type
BF620; BF622
Features
Low current (max. 50 mA)
High voltage (max. 300 V).
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
collector-base voltage
BF620
300
V
(open emitte)
BF622
250
V
collector-emitter voltage
BF620
300
V
(open-base )
BF622
250
V
emitter-base voltage (open collector)
VEBO
5V
collector current (DC)
IC
50
mA
peak collector current
ICM
100
mA
peak base current
IBM
50
mA
total power dissipation Tamb
25
*
Ptot
1.25
W
storage temperature
Tstg
-65 to150
junction temperature
Tj
150
operating ambient temperature
Tamb
-65 to150
thermal resistance from junction to ambient *
Rth j-a
100
K/W
thermal resistance from junction to soldering point
Rth j-s
20
K/W
* Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for
collector 6 cm
2.
VCBO
VCEO


Similar Part No. - BF620

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF620 PHILIPS-BF620 Datasheet
40Kb / 8P
NPN high-voltage transistors
1999 Apr 21
logo
Zetex Semiconductors
BF620 ZETEX-BF620 Datasheet
34Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
List of Unclassifed Man...
BF620 ETC1-BF620 Datasheet
34Kb / 2P
The Small-signal NPN Silicon High Voltage Medium-Power Transistor
logo
NXP Semiconductors
BF620 NXP-BF620 Datasheet
131Kb / 10P
NPN high-voltage transistors
2004 Dec 14
logo
Shenzhen Jin Yu Semicon...
BF620 HTSEMI-BF620 Datasheet
552Kb / 2P
TRANSISTOR (NPN)
More results

Similar Description - BF620

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
Silicon NPN epitaxial planer type
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
Silicon NPN epitaxial planer type
logo
Guangdong Kexin Industr...
2SD2459 KEXIN-2SD2459 Datasheet
51Kb / 2P
Silicon NPN epitaxial planer type
2SD601A KEXIN-2SD601A Datasheet
38Kb / 1P
Silicon NPN Epitaxial Planer Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com