Electronic Components Datasheet Search
  English  ▼

X  

KC807 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KC807
Description  PNP Silicon AF Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KC807 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KC807 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Features
For general AF applications.
High collector current.
High current gain.
Low collector-emitter saturation voltage.
www.kexin.com.cn
PNP Silicon AF Transistors
KC807(BC807)
Marking
NO.
KC807-16
KC807-25
KC807-40
Marking
9FA
9FB
9FC
hFE
100
250
160
400
250
630
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-45
V
Emitter-base voltage
VEBO
-5
V
Collector current (DC)
IC
-800
mA
power dissipation
PD
310
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-65to+150
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
VCBO
IC =-10
A,VBE =0
-50
V
VCEO
IC =-10 mA,IB =0
-45
V
VEBO
IE =-10
A, IC =0
-5
V
Collector cutoff current
ICES
VCB =-25 V, VBE= 0
-100
nA
IEBO
VEB =-4V,IC = 0
-100
nA
IC =-100mA, VCE = -1 V
100
630
IC =-300mA, VCE =-1V
60
VCE(sat) IC =-500mA, IB =-50 mA
-0.7
V
VBE(on)
VCE=-1V,IC=300mA
-1.2
V
Output Capacitance
Cob
VCB=-10V,f=1MHz
12
pF
fT
IC =-10 mA,VCE =-5V,f=50MHz
100
MHz
* Pulsed: PW
350 ìs, duty cycle
2%
hFE
Collector-to-base breakdown voltage
Collector-to-emitter breakdown voltage
DC current gain *
Base emitter on voltage
Transition frequency
Collector saturation voltage *
Parameter
Emitter cutoff current
Emitter-to-base breakdown voltage


Similar Part No. - KC807

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
PNP Silicon AF Transistors
More results

Similar Description - KC807

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC807W INFINEON-BC807W Datasheet
47Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
PNP Silicon AF Transistors
Dec-11-2001
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
PNP Silicon AF Transistors
Jul-23-2001
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
PNP Silicon AF Transistors
2007-04-20
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
PNP Silicon AF Transistors
2011-07-29
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
PNP Silicon AF Transistors
2011-09-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com