Electronic Components Datasheet Search
  English  ▼

X  

LT1783 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1783
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1783 Datasheet(HTML) 2 Page - Linear Technology

  LT1783 Datasheet HTML 1Page - Linear Technology LT1783 Datasheet HTML 2Page - Linear Technology LT1783 Datasheet HTML 3Page - Linear Technology LT1783 Datasheet HTML 4Page - Linear Technology LT1783 Datasheet HTML 5Page - Linear Technology LT1783 Datasheet HTML 6Page - Linear Technology LT1783 Datasheet HTML 7Page - Linear Technology LT1783 Datasheet HTML 8Page - Linear Technology LT1783 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1783
2
1783fb
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–) ................................ 18V
Input Differential Voltage.......................................... 18V
Input Pin Voltage to V– ................................ +24V/–10V
Shutdown Pin Voltage Above V– ............................. 18V
Shutdown Pin Current ........................................ ±10mA
Output Short-Circuit Duration (Note 2) ........... Indefinite
Operating Temperature Range (Note 3)
LT1783C ............................................. –40°C to 85°C
LT1783I .............................................. –40°C to 85°C
LT1783H ........................................... –40°C to 125°C
(Note 1)
4
5
3
1
OUT
V–
+IN
V
+
–IN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
2
+ –
TJMAX = 150°C, θJA = 250°C/W
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
OUT
V–
+IN
V
+
SHDN
–IN
+ –
TJMAX = 150°C, θJA = 230°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1783CS5#PBF
LTC1783CS5#TRPBF
LTLF
5-Lead Plastic SOT-23
–40°C to 85°C
LTC1783IS5#PBF
LTC1783IS5#TRPBF
LTLG
5-Lead Plastic SOT-23
–40°C to 85°C
LTC1783HS5#PBF
LTC1783HS5#TRPBF
LTXR
5-Lead Plastic SOT-23
–40°C to 125°C
LTC1783CS6#PBF
LTC1783CS6#TRPBF
LTIU
6-Lead Plastic SOT-23
–40°C to 85°C
LTC1783IS6#PBF
LTC1783IS6#TRPBF
LTIV
6-Lead Plastic SOT-23
–40°C to 85°C
LTC1783HS6#PBF
LTC1783HS6#TRPBF
LTXS
6-Lead Plastic SOT-23
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1783CS5
LTC1783CS5#TR
LTLF
5-Lead Plastic SOT-23
–40°C to 85°C
LTC1783IS5
LTC1783IS5#TR
LTLG
5-Lead Plastic SOT-23
–40°C to 85°C
LTC1783HS5
LTC1783HS5#TR
LTXR
5-Lead Plastic SOT-23
–40°C to 125°C
LTC1783CS6
LTC1783CS6#TR
LTIU
6-Lead Plastic SOT-23
–40°C to 85°C
LTC1783IS6
LTC1783IS6#TR
LTIV
6-Lead Plastic SOT-23
–40°C to 85°C
LTC1783HS6
LTC1783HS6#TR
LTXS
6-Lead Plastic SOT-23
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Specified Temperature Range (Note 4)
LT1783C ............................................. –40°C to 85°C
LT1783I .............................................. –40°C to 85°C
LT1783H ........................................... –40°C to 125°C
Junction Temperature ......................................... 150°C
Storage Temperature Range.................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com