Electronic Components Datasheet Search
  English  ▼

X  

HE10HWPR/11 Datasheet(PDF) 10 Page - Altech corporation

Part # HE10HWPR/11
Description  FEED-THROUGH FLAT BASE EUROSTRIPS Panel Mount
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

HE10HWPR/11 Datasheet(HTML) 10 Page - Altech corporation

Back Button HE10HWPR/11 Datasheet HTML 2Page - Altech corporation HE10HWPR/11 Datasheet HTML 3Page - Altech corporation HE10HWPR/11 Datasheet HTML 4Page - Altech corporation HE10HWPR/11 Datasheet HTML 5Page - Altech corporation HE10HWPR/11 Datasheet HTML 6Page - Altech corporation HE10HWPR/11 Datasheet HTML 7Page - Altech corporation HE10HWPR/11 Datasheet HTML 8Page - Altech corporation HE10HWPR/11 Datasheet HTML 9Page - Altech corporation HE10HWPR/11 Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MOUNTING PINS
EUROSTRIP ACCESSORIES
Convenient options that facilitate
installation and wire termination.
Mounting Pins
Speed panel mounting of
Eurostrips with Mounting Pins.
Simply match drill clearance
hole in panel, position
Eurostrip and install Mounting
Pin through hole and into
mounting hole in Eurostrip
housing. Once pin passes
beyond Eurostrip housing, it
automatically expands, secur-
ing housing to panel. Use two
or more mounting pins per
Eurostrip.
• Material: polycarbonate
• Color: gray.
Marking Plates
Install Marking Plate MP under
or on top of Eurostrip housing
to identify individual pole posi-
tions to increase wiring effi-
ciency, save installation time
and facilitate wire hook-up,
system modification and trou-
ble shooting. Select blank
marking plate for hand mark-
ing or imprinted.
• Material: self-extinguishing
PVC
• Color: white with black
imprint.
Imprinting
Mark individual pole positions
to save installation time and
facilitate wire hook-up, system
modification and trouble
shooting. Choose turret mark-
ing for optimum identification.
To order imprinting specify
consecutive, identical or cus-
tom character imprints.
• Imprints: rub-resistant,
black ink.
H
IL
W
Ø
Mounting Pins
Eurostrip
Panel Thickness
Ordering Information
H4
H6
HE4HN
HE6H
0.5-1.5 mm
0.8-1.8 mm
Cat. No.
Std. Pk.
Cat. No.
Std. Pk.
H4
50
H6
50
MARKING PLATES
Eurostrip
HE4, HE4HN
HE6, HE6H
HE10, HE10H, HE16, HE16H
Ordering Information
Cat. No.
Desc.
Std. Pk
Cat. No.
Desc.
Std. Pk.
Cat. No.
Desc.
Std. Pk.
BS24E
Blank
25
BS60E
Blank
25
BS1016E
Blank
25
BS24EM1-12
No. 1-12
25
BS60EM1-12
No. 1-12
25
BS1016EM1-12
No. 1-12
25
BS24EM13-24
No. 13-24 25
BS60EM13-24
No. 13-24 25
BS1016EM13-24 No. 13-24 25
IMPRINTING
Imprint
Marking
Instruction
Ordering Example
Turret Location
Consecutive, imprint 1 through 12,
Turret Location
Cat. No.
Std. Pk.
HE4WPR/12i1-12
1000
Turret Location
Dimensions mm (in.)
Mounting
Pin
Insertion
Panel
Width
Pin Type Height (H) Length (IL) Hole Dia.
(W)
H4
21
12.6
4.2
8.5
H6
24
14.7
5.2
11
89
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com