Electronic Components Datasheet Search
  English  ▼

X  

HE10HWPR/12 Datasheet(PDF) 3 Page - Altech corporation

Part # HE10HWPR/12
Description  FEED-THROUGH FLAT BASE EUROSTRIPS Panel Mount
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

HE10HWPR/12 Datasheet(HTML) 3 Page - Altech corporation

  HE10HWPR/12 Datasheet HTML 1Page - Altech corporation HE10HWPR/12 Datasheet HTML 2Page - Altech corporation HE10HWPR/12 Datasheet HTML 3Page - Altech corporation HE10HWPR/12 Datasheet HTML 4Page - Altech corporation HE10HWPR/12 Datasheet HTML 5Page - Altech corporation HE10HWPR/12 Datasheet HTML 6Page - Altech corporation HE10HWPR/12 Datasheet HTML 7Page - Altech corporation HE10HWPR/12 Datasheet HTML 8Page - Altech corporation HE10HWPR/12 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FEED-THROUGH FLAT BASE
EUROSTRIPS
Panel Mount
For wire-to-wire connections in
HVAC, appliance, equipment,
power distribution and other
industrial applications with
strict budget and space require-
ments. Easy to use double row
terminal strips are a cost-effec-
tive alternative to barrier strips
or other types of terminal
blocks. Simply strip the wire,
insert and tighten the screw.
Eurostrips feature tubular
screw clamps, with wire protec-
tors, and recessed metal parts
for finger protection. The stain-
less steel wire protectors exhib-
it excellent memory and the
most effective connection.
Eurostrips described on this
and the following page are
available with a flat base for
minimum clearance applica-
tions. They can be panel mount-
ed or left to free float. Offered
in easy to cut standard 12 pole
strips, they can also be ordered
precut with the required num-
ber of poles.
• Tubular screw clamp
• Panel mount or free float
• Housing material:
polyamide 6.6
• Color: opaque white
• Marking plates or factory
imprinted application
10 mm
3.6 mm
6 mm
2.5-4 mm2
24-10 AWG
400V
300 V
10 A
30 A
0.8 Nm
7.0 lb-in
Cat. No.
Std. Pk.
HE4WPR/02
100
HE4WPR/03
100
HE4WPR/04
100
HE4WPR/05
100
HE4WPR/06
50
HE4WPR/07
50
HE4WPR/08
50
HE4WPR/09
50
HE4WPR/10
50
HE4WPR/11
50
HE4WPR/12
50
8 mm
3 mm
5 mm
1-2.5 mm2
24-12 AWG
400 V
300 V
6 A
20 A
0.5 Nm
4.4 lb-in
Cat. No.
Std. Pk.
HE1WPR/02
100
HE1WPR/03
100
HE1WPR/04
100
HE1WPR/05
100
HE1WPR/06
50
HE1WPR/07
50
HE1WPR/08
50
HE1WPR/09
50
HE1WPR/10
50
HE1WPR/11
50
HE1WPR/12
50
HE1
HE4
Pole Spacing
Mounting Hole Diameter
Stripping Length
Approvals
Wire Range
Voltage Rating
Current Rating
Torque
No. of Poles
2
3
4
5
6
7
8
9
10
11
12
Flat base with wire protector
Flat base with wire protector
Dimensions mm
A= 8.0
H= Ø2.8
B= M2.6
I= 2.8
C= 5.2
J= 6.5
D= 2.8
K= 6.5
E= Ø3
L= 94 (12 pole)
F= Ø5
M= 12.2
G = 8.0
N = 16.2
Dimensions mm
A= 10.0
H= Ø3.6
B= M3
I= 3.2
C= 6.4
J= 8.5
D= 3.5
K= 7.9
E= Ø3.6
L= 117 (12 pole)
F= Ø5.7
M= 14.9
G = 10.0
N =
20.0
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
82
E211022
E211022



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com