Electronic Components Datasheet Search
  English  ▼

X  

HE16HWPR/02 Datasheet(PDF) 9 Page - Altech corporation

Part # HE16HWPR/02
Description  FEED-THROUGH FLAT BASE EUROSTRIPS Panel Mount
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

HE16HWPR/02 Datasheet(HTML) 9 Page - Altech corporation

Back Button HE16HWPR/02 Datasheet HTML 2Page - Altech corporation HE16HWPR/02 Datasheet HTML 3Page - Altech corporation HE16HWPR/02 Datasheet HTML 4Page - Altech corporation HE16HWPR/02 Datasheet HTML 5Page - Altech corporation HE16HWPR/02 Datasheet HTML 6Page - Altech corporation HE16HWPR/02 Datasheet HTML 7Page - Altech corporation HE16HWPR/02 Datasheet HTML 8Page - Altech corporation HE16HWPR/02 Datasheet HTML 9Page - Altech corporation HE16HWPR/02 Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Isolation Partition
Eurostrip
Thickness
Ordering Information
KA46
HE4HN, HE6H
3.4 mm (.134 in.)
Cat. No.
Std. Pk.
HEP4/6H
5
EUROSTRIP ACCESSORIES
Convenient options that facilitate installation and wire termination.
EXTERNAL JUMPERS
External Jumpers
Bus potentials between poles
on Eurostrip Terminal Strips
reducing wiring time and
eliminating wire jumpers.
Jumper Pole positions may be
removed to provide selective
jumpering. When using exter-
nal jumpers, the terminal's
rated cross section is usually
reduced one wire size. For
jumper maximum current rat-
ings, refer to the correspon-
ding Eurostrip IEC/VDE cur-
rent rating.
• Material: copper alloy,
nickel plated
• Insulation: polyamide 6.6
• Color: black.
Isolation Partitions
Isolation Partition KA provides
separation between adjacent
poles of different potentials
on 600V Eurostrips with
standoff feet. Visual separa-
tion between poles is also
provided by an isolation parti-
tion, assisting circuit identifi-
cation and increasing wiring
efficiency
• Material: polyamide 6.6
• Color: black
ISOLATION PARTITION
External Jumper
Eurostrip
Pole Spacing
Ordering Information
HCL8
HCL10
HCL12
HCL15
HE1
HE4
HE6
HE10, HE16
8mm (.315)
10 mm (.394 in.)
12 mm (.472)
15 mm (.591 in.)
Cat. No.
Std. Pk.
Cat. No.
Std. Pk.
Cat. No.
Std. Pk.
Cat. No.
Std. Pk.
HCL8-2
100
HCL10-2
100
HCL12-2
100
HCL15-2
100
HCL8-3
100
HCL10-3
100
HCL12-3
100
HCL15-3
100
HCL8-4
100
HCL10-4
100
HCL12-4
100
HCL15-4
100
HCL8-12
25
HCL10-12
25
HCL12-12
25
HCL15-12
25
2 pole
3 pole
4 pole
12 pole
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
88



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com