Electronic Components Datasheet Search
  English  ▼

X  

PSS20 Datasheet(PDF) 1 Page - Altech corporation

Part # PSS20
Description  20W Single Output Industrial DIN Rail Power Supply PS-S20 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PSS20 Datasheet(HTML) 1 Page - Altech corporation

  PSS20 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PSS20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PSS205687-00A VISHAY-PSS205687-00A Datasheet
97Kb / 4P
Custom Substrates - Conductor Resistor Pattern and Overcoat
26-Sep-2018
PSS205687-00B VISHAY-PSS205687-00B Datasheet
97Kb / 4P
Custom Substrates - Conductor Resistor Pattern and Overcoat
26-Sep-2018
PSS205687-00F VISHAY-PSS205687-00F Datasheet
97Kb / 4P
Custom Substrates - Conductor Resistor Pattern and Overcoat
26-Sep-2018
PSS205687-00K VISHAY-PSS205687-00K Datasheet
97Kb / 4P
Custom Substrates - Conductor Resistor Pattern and Overcoat
26-Sep-2018
PSS205687-00N VISHAY-PSS205687-00N Datasheet
97Kb / 4P
Custom Substrates - Conductor Resistor Pattern and Overcoat
26-Sep-2018
More results

Similar Description - PSS20

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
MDR-10 MEANWELL-MDR-10 Datasheet
234Kb / 2P
10W Single Output Industrial DIN Rail Power Supply
MDR-20 MEANWELL-MDR-20 Datasheet
236Kb / 2P
20W Single Output Industrial DIN Rail Power Supply
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S100 ALTECH-PS-S100 Datasheet
712Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
PS-S20 ALTECH-PS-S20 Datasheet
591Kb / 2P
20W Single Output Industrial DIN Rail Power Supply
PSS100 ALTECH-PSS100 Datasheet
121Kb / 1P
100W Single Output Industrial DIN Rail Power Supply PS-S100 Series
PSS40 ALTECH-PSS40 Datasheet
123Kb / 1P
40W Single Output Industrial DIN Rail Power Supply PS-S40 Series
logo
Mean Well Enterprises C...
MDR-20 MEANWELL-MDR-20_11 Datasheet
240Kb / 2P
20W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
MDR-20 TOTAL-POWER-MDR-20 Datasheet
314Kb / 2P
20W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com