Electronic Components Datasheet Search
  English  ▼

X  

BAT18 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAT18
Description  Silicon RF Switching Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT18 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT18 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon RF Switching Diode
BAT18;BAT18-04
BAT18-05;BAT18-06
Features
Low-loss VHF/UHF switch above 10 MHz
Pin diode with low forward resistance
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
35
V
Forward Current
IF
100
mA
Operating and storage temperature range
Top, Tstg
-55to+150
Junction - ambient
Rth JA
450
K/W
Electrical C haracteristics Ta = 25
P aram eter
S ym bol
C onditions
M in
Typ
M ax
U nit
Forward voltage
V F
IF = 100 m A
0.38
1.2
V
V R =20 V
20
V R =20 V , TA =60
200
D iode capacitance
C T
V R = 20V , f = 1M H z
0.75
1
pF
Forward resistance
rf
IF = 5 m A , f = 100 M H z
0.4
0.7
S eries inductance
Ls
2nH
nA
R everse current
IR
Marking
Type
BAT18
BAT18-04
BAT18-05
BAT18-06
Marking
A2
AU
AS
AT


Similar Part No. - BAT18

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT18 PHILIPS-BAT18 Datasheet
27Kb / 4P
Band-switching diode
1996 Mar 13
logo
Siemens Semiconductor G...
BAT18 SIEMENS-BAT18 Datasheet
39Kb / 2P
Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
logo
Infineon Technologies A...
BAT18 INFINEON-BAT18 Datasheet
432Kb / 3P
Silicon RF Switching Diode
Jan-07-2003
logo
NXP Semiconductors
BAT18 NXP-BAT18 Datasheet
51Kb / 7P
Silicon planar diode
Rev. 02-31 August 2004
logo
Infineon Technologies A...
BAT18 INFINEON-BAT18 Datasheet
60Kb / 5P
Silicon RF Switching Diode
2007-03-29
More results

Similar Description - BAT18

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BA582 SIEMENS-BA582 Datasheet
28Kb / 2P
Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR80 INFINEON-BAR80 Datasheet
42Kb / 4P
Silicon RF Switching Diode
Aug-17-2001
BAR81W INFINEON-BAR81W Datasheet
407Kb / 4P
Silicon RF Switching Diode
Dec-20-2002
logo
Guangdong Kexin Industr...
BAR81W KEXIN-BAR81W Datasheet
36Kb / 1P
Silicon RF Switching Diode
BAR65-02W KEXIN-BAR65-02W Datasheet
31Kb / 1P
Silicon RF Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BA592WS SEMTECH_ELEC-BA592WS Datasheet
245Kb / 3P
SILICON RF SWITCHING DIODE
logo
Infineon Technologies A...
BAT18 INFINEON-BAT18_07 Datasheet
60Kb / 5P
Silicon RF Switching Diode
2007-03-29
BAR81 INFINEON-BAR81_07 Datasheet
75Kb / 6P
Silicon RF Switching Diode
2007-04-19
BAT18-04 INFINEON-BAT18-04_11 Datasheet
815Kb / 5P
Silicon RF Switching Diode
2011-06-14
BAR81WH6327 INFINEON-BAR81WH6327 Datasheet
824Kb / 6P
Silicon RF Switching Diode
2011-06-14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com