Electronic Components Datasheet Search
  English  ▼

X  

VP2106 Datasheet(PDF) 1 Page - Supertex, Inc

Part # VP2106
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP2106 Datasheet(HTML) 1 Page - Supertex, Inc

  VP2106 Datasheet HTML 1Page - Supertex, Inc VP2106 Datasheet HTML 2Page - Supertex, Inc VP2106 Datasheet HTML 3Page - Supertex, Inc VP2106 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
VP2106
VP2110
Note: See Package Outline section for dimensions.
Package Options
P-Channel Enhancement-Mode
Vertical DMOS FETs
TO-92
Applications
❏ Motor controls
❏ Converters
❏ Amplifiers
❏ Switches
❏ Power supply circuits
❏ Drivers (relays, hammers, solenoids, lamps, memories,
displays, bipolar transistors, etc.)
Features
❏ Free from secondary breakdown
❏ Low power drive requirement
❏ Ease of paralleling
❏ Low C
ISS and fast switching speeds
❏ Excellent thermal stability
❏ Integral Source-Drain diode
❏ High input impedance and high gain
❏ Complementary N- and P-channel devices
Advanced DMOS Technology
These enhancement-mode (normally-off) transistors utilize a
vertical DMOS structure and Supertex’s well-proven silicon-gate
manufacturing process. This combination produces devices with
the power handling capabilities of bipolar transistors and with the
high input impedance and positive temperature coefficient inher-
ent in MOS devices. Characteristic of all MOS structures, these
devices are free from thermal runaway and thermally-induced
secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where high breakdown
voltage, high input impedance, low input capacitance, and fast
switching speeds are desired.
BVDSS /RDS(ON)
ID(ON)
BV
DGS
(max)
(min)
TO-92
TO-236AB*
Die†
-60V
12Ω
-0.5A
VP2106N3
—
—
-100V
12Ω
-0.5A
—
VP2110K1
VP2110ND
Product marking for SOT-23:
P1A
❋
where
❋ = 2-week alpha date code
Order Number / Package
† MIL visual screening available.
*Same as SOT-23. All units shipped on 3,000 piece carrier tape reels.
Ordering Information
S G D
TO-236AB
(SOT-23)
top view
S
D
G
Absolute Maximum Ratings
Drain-to-Source Voltage
BVDSS
Drain-to-Gate Voltage
BV
DGS
Gate-to-Source Voltage
± 20V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
* Distance of 1.6 mm from case for 10 seconds.


Similar Part No. - VP2106

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP2106 SUTEX-VP2106 Datasheet
636Kb / 5P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP2106 MICROCHIP-VP2106 Datasheet
755Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
09/14/21
logo
Supertex, Inc
VP2106N3-G SUTEX-VP2106N3-G Datasheet
636Kb / 5P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP2106N3-G MICROCHIP-VP2106N3-G Datasheet
755Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
09/14/21
More results

Similar Description - VP2106

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs????
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
P- Channel Enhancement-Mode Vertical DMOS FETs
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
P-Channel Enhancement Mode Vertical DMOS FETs
TP0610T-G SUTEX-TP0610T-G Datasheet
656Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com