Electronic Components Datasheet Search
  English  ▼

X  

BBS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BBS
Description  Silicon RF Switching Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BBS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BBS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
SOT-343
Unit: mm
Silicon RF Switching Diode
BAR81W
Features
Design for use in shunt configuration
High shunt signal isolation
Low shunt insertion loss
Absolute Maxim um Ratings Ta = 25
Param eter
Sym bol
Value
Unit
Diode reverse voltage
VR
30
V
Forward current
IF
100
m A
Total power dissipation, TS = 103
Ptot
100
m W
Junction tem perature
Tj
150
Operating tem perature range
Top
-55to+ 125
Storage tem perature range
Tstg
-55to+ 150
Junction - am bient
1)
Rth JA
200
K/W
Junction - soldering point
Rth JS
120
K/W
Note
1.Package m ounted on alum ina 15m m
16.7m m
0.7m m
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Reverse current
IR
VR = 20 V
20
nA
Forward voltage
VF
IF = 100 mA
0.93
1
V
VR =1V,f=1MHz
0.6
VR = 3 V, f = 1 MHz
0.57
Forward resistance
rf
IF = 5 mA, f = 100 MHz
0.7
Series inductance
trr
0.15
nH
pF
Diode capacitance
CT
Marking
Marking
BBs


Similar Part No. - BBS

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
BBS EATON-BBS Datasheet
376Kb / 2P
BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
logo
ETA-USA
BBS ETA-USA-BBS Datasheet
936Kb / 7P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 300 WATTS UNIVERSAL INPUT
logo
Cooper Bussmann, Inc.
BBS COOPER-BBS Datasheet
53Kb / 1P
Fast-Acting Ferrule Fuses
logo
Christian Bürkert GmbH ...
BBS-03 BURKERT-BBS-03 Datasheet
521Kb / 20P
Fitting with welded connection according to DIN 11864-1 and BBS-Sterile contour
28.03.2024
BBS-03 BURKERT-BBS-03 Datasheet
455Kb / 9P
Platinum-cured peroxide-free silicone hose
08.01.2024
More results

Similar Description - BBS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BA582 SIEMENS-BA582 Datasheet
28Kb / 2P
Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR80 INFINEON-BAR80 Datasheet
42Kb / 4P
Silicon RF Switching Diode
Aug-17-2001
BAR81W INFINEON-BAR81W Datasheet
407Kb / 4P
Silicon RF Switching Diode
Dec-20-2002
logo
Guangdong Kexin Industr...
BAT18 KEXIN-BAT18 Datasheet
35Kb / 1P
Silicon RF Switching Diode
BAR65-02W KEXIN-BAR65-02W Datasheet
31Kb / 1P
Silicon RF Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BA592WS SEMTECH_ELEC-BA592WS Datasheet
245Kb / 3P
SILICON RF SWITCHING DIODE
logo
Infineon Technologies A...
BAT18 INFINEON-BAT18_07 Datasheet
60Kb / 5P
Silicon RF Switching Diode
2007-03-29
BAR81 INFINEON-BAR81_07 Datasheet
75Kb / 6P
Silicon RF Switching Diode
2007-04-19
BAT18-04 INFINEON-BAT18-04_11 Datasheet
815Kb / 5P
Silicon RF Switching Diode
2011-06-14
BAR81WH6327 INFINEON-BAR81WH6327 Datasheet
824Kb / 6P
Silicon RF Switching Diode
2011-06-14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com