Electronic Components Datasheet Search
  English  ▼

X  

PS-C240 Datasheet(PDF) 2 Page - Altech corporation

Part # PS-C240
Description  240W Single Output Industrial DIN Rail Power Supply with PFC Function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PS-C240 Datasheet(HTML) 2 Page - Altech corporation

  PS-C240 Datasheet HTML 1Page - Altech corporation PS-C240 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
age.
DETECTION
CIRCUIT
O.L.P.
U.V.P.
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.C.P.
PFC
CIRCUIT
PFC
CONTROL
1
1,2
2
3,4
5,6
3
Assignment
Assignment
FG
AC/L
AC/N
1
2
3
4
5
6
1
2
3
125.2
TB1
TB2
-25
0
Continuous
10
20
30
40
50
60
70
60
75
100
112.5
150
100
40
88
110
50
60
70
80
155
135
230 264
90
100
(VERTICAL)
T1
150%
100%
T2
PS-C240 Series
240W Single Output Industrial DIN Rail Power Supply with PFC Function



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com