Electronic Components Datasheet Search
  English  ▼

X  

PS-60 Datasheet(PDF) 1 Page - Altech corporation

Part # PS-60
Description  60W Single Output Industrial DIN Rail Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PS-60 Datasheet(HTML) 1 Page - Altech corporation

  PS-60 Datasheet HTML 1Page - Altech corporation PS-60 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PS -6005
PS -6012
PS -6015
PS -6024
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
VOLTAGE ADJ. RANGE
LINE R EGULATION
LOAD REGULATION
SETUP, RISE, HOLD TIME
VOLTAGE R ANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
INRUSH CURRENT (max.)
SAFETY STANDARDS
HARMONIC CURRENT
EMS IMMUNITY
WORKING HUMIDITY
WORKING TEMP.
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER L OAD
OVER VOLTAGE
5V
12V
15V
24V
6.5A
4.5A
4A
2.5A
0 ~ 6.5A
0 ~ 4.5A
0 ~ 4A
0 ~ 2.5A
32.5W
54W
60W
60W
80mVp-p
120mVp-p
120mVp-p
13.5 ~ 16.5V
150mVp-p
21.6 ~ 26.4V
2.0%
1.0%
1.0%
1.0%
11.1 ~ 13.2V
4.75 ~ 5.5V
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
100ms, 30ms, 50ms/230VAC
2 00ms, 30ms, 18ms/115VAC at full load
88 ~ 264VAC
1 24 ~ 370VDC
47 ~ 63Hz
76%
82%
83%
84%
1.2A/115V AC
0.8A/230V AC
COLD START 18A/115V AC
36A/230V AC
105 ~ 160% rated output power
Protection type : Fold back current limiting, recovers automatically after fault condition is removed
5.75 ~ 6.75V
Protection type : Shut down o/p voltage, re-power on to recover
13.8 ~ 16.2V
17.25 ~ 20.25V
27.6 ~ 32.4V
-20 ~ +60 (Refer to output load derating curve)
20 ~ 90% RH non-condensing
-40 ~ +85 , 10 ~ 95% RH
0.03%/ (0 ~ 50
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
216.2K hrs min.
MIL-HDBK-217F (25 )
78*93*56mm (W*H*D)
0.3Kg; 48pcs/15.4Kg/1.02CUFT
1. A ll parameters N OT s pecially mentioned are measured at 230VAC i nput, rated load and 25
of ambient temperature.
2. R ipple & n oise a re measured at 20MHz of bandwidth by using a 1 2" twisted pair-wire terminated with a 0 .1uf & 4 7uf parallel capacitor.
3. T olerance : i ncludes s et up tolerance, line regulation and load regulation.
4. T he power s upply is c onsidered a c omponent which will be installed into a f inal equipment. T he final equipment must be re-confirmed that it still meets
E MC d irectives.
Compliance to EN55011,EN55022 (CISPR22) Class B
Compliance to EN61000-3-2,-3
Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11, ENV50204, EN55024, EN61000-6-2, EN61204-3 Heavy industry level, criteria A
Univers al A C i nput/F ull range
P rotections :S hort circuit/Over load/Over voltage
C ooling by free a ir c onvection
C an be i ns talled on D IN rail T S -35/7.5 o r 1 5
UL 5 08(indus trial c ontrol e quipment)approved
Is olation c las s
LE D i ndicator for power on
100% f ull load burn-in tes t
3 y ears w arranty
F eatures :
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
PROTECTION
SAFETY &
EMC
(Note 4)
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
EMI CONDUCTION & RADIATION
I/P-O/P:3KVAC
I/P-O/P:100M Ohms/500VDC
UL60950-1, Design refer to EN50178, EN60950-1
PS-60 Series
35 Royal Road, Flemington, NJ 08822-6000 • (tel.) 908-806-9400 • (fax) 908-806-9490 • www.altechcorp.com
60W Single Output Industrial DIN Rail Power Supply


Similar Part No. - PS-60

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PS-60 TTELEC-PS-60 Datasheet
444Kb / 2P
OPEN FRAME POWER SUPPLY 60WATT
10/06/2020
PS-60-12 TTELEC-PS-60-12 Datasheet
444Kb / 2P
OPEN FRAME POWER SUPPLY 60WATT
10/06/2020
logo
Toppower Electronic Tec...
PS-60-12S TOPPOWER-PS-60-12S Datasheet
642Kb / 4P
60W Wide input AC/DC switching power supply
logo
TT Electronics.
PS-60-15 TTELEC-PS-60-15 Datasheet
444Kb / 2P
OPEN FRAME POWER SUPPLY 60WATT
10/06/2020
logo
Toppower Electronic Tec...
PS-60-15S TOPPOWER-PS-60-15S Datasheet
642Kb / 4P
60W Wide input AC/DC switching power supply
More results

Similar Description - PS-60

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DR-60 ASTRODYNE-DR-60 Datasheet
283Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DR-60 MEANWELL-DR-60 Datasheet
130Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S60 ALTECH-PS-S60 Datasheet
613Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-60 MEANWELL-DR-60_10 Datasheet
331Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
MDR-60 MEANWELL-MDR-60_11 Datasheet
257Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
DR-60 MEANWELL-DR-60_11 Datasheet
331Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-60 TOTAL-POWER-DR-60 Datasheet
401Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
MDR-60 TOTAL-POWER-MDR-60 Datasheet
402Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com