Electronic Components Datasheet Search
  English  ▼

X  

PS-30 Datasheet(PDF) 2 Page - Altech corporation

Part # PS-30
Description  30W Single Output Industrial DIN Rail Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PS-30 Datasheet(HTML) 2 Page - Altech corporation

  PS-30 Datasheet HTML 1Page - Altech corporation PS-30 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Block Diagram
Output Derating
Mechanical Specification
-20
0
10
20
30
40
50
60
70 (VERTICAL)
20
40
60
80
100
AMBIENT TEMPERATURE ( )
Terminal Pin. No Assignment
Pin No.
Pin No.
2
1
5,6
3,4
7
8
Assignment
Assignment
+V
AC/N
AC/L
-V
LED
+V ADJ.
ADMISSIBLE DIN-RAIL:TS35/7.5 OR TS35/15
93
6
5
3
4
2
1
7
8
45
68
46.5
46.5
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
ING
CONTROL
O.V.P.
Output Derating VS Input Voltage
INPUT VOLTAGE (VAC) 60Hz
85
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
PS-30 Series
35 Royal Road, Flemington, NJ 08822-6000 • (tel.) 908-806-9400 • (fax) 908-806-9490 • www.altechcorp.com
30W Single Output Industrial DIN Rail Power Supply



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com