Electronic Components Datasheet Search
  English  ▼

X  

PS-3012 Datasheet(PDF) 1 Page - Altech corporation

Part # PS-3012
Description  30W Single Output Industrial DIN Rail Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PS-3012 Datasheet(HTML) 1 Page - Altech corporation

  PS-3012 Datasheet HTML 1Page - Altech corporation PS-3012 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PS -3005
PS -3012
PS -3015
PS -3024
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
VOLTAGE ADJ. RANGE
LINE R EGULATION
LOAD REGULATION
SETUP, RISE, HOLD TIME
VOLTAGE R ANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
INRUSH CURRENT (max.)
SAFETY STANDARDS
HARMONIC CURRENT
EMS IMMUNITY
WORKING HUMIDITY
WORKING TEMP.
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER L OAD
OVER VOLTAGE
5V
12V
15V
24V
3A
2A
2A
1.5A
0 ~ 3A
0 ~ 2A
0 ~ 2A
0 ~ 1.5A
15W
24W
30W
36W
80mVp-p
120mVp-p
120mVp-p
13.5 ~ 16.5V
150mVp-p
21.6 ~ 26.4V
2.0%
1.0%
1.0%
1.0%
10.8 ~ 13.2V
4.75 ~ 5.5V
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
100ms, 30ms, 50ms/230VAC
1 00ms, 30ms, 18ms/115VAC at full load
85 ~ 264VAC
1 20 ~ 370VDC
47 ~ 63Hz
74%
81%
82%
83%
0.88A/115V AC
0.48A/230V AC
COLD START 15A/115V AC
30A/230V AC
105 ~ 160% rated output power
Protection type : Fold back current limiting, recovers automatically after fault condition is removed
5.75 ~ 6.75V
Protection type : Shut down o/p voltage, re-power on to recover
13.8 ~ 16.2V
17.25 ~ 20.25V
27.6 ~ 32.4V
-20 ~ +60 (Refer to output load derating curve)
20 ~ 90% RH non-condensing
-40 ~ +85 , 10 ~ 95% RH
0.03%/ (0 ~ 50
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
441.5K hrs min.
MIL-HDBK-217F (25 )
1. A ll parameters N OT s pecially mentioned are measured at 230VAC i nput, rated load and 25
of ambient temperature.
2. R ipple & n oise a re measured at 20MHz of bandwidth by using a 1 2" twisted pair-wire terminated with a 0 .1uf & 4 7uf parallel capacitor.
3. T olerance : i ncludes s et up tolerance, line regulation and load regulation.
4. T he power s upply is c onsidered a c omponent which will be installed into a f inal equipment. T he final equipment must be re-confirmed that it still meets
E MC d irectives.
UL60950-1, Design refer to EN50178, EN-60950-1
Compliance to EN55011,EN55022 (CISPR22) Class B
Compliance to EN61000-3-2,-3
Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11, ENV50204, EN55024, EN61000-6-2, EN61204-3 Heavy industry level, criteria A
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
PROTECTION
SAFETY &
EMC
(Note 4)
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC
I/P-O/P:100M Ohms/500VDC
EMI CONDUCTION & RADIATION
Univers al A C i nput/F ull range
P rotections :S hort circuit/Over load/Over voltage
C ooling by free a ir c onvection
C an be i ns talled on D IN rail T S -35/7.5 o r 1 5
Is olation c las s
LE D i ndicator for power on
100% f ull load burn-in tes t
3 y ears w arranty
F eatures :
78*93*56mm (W*H*D)
0.27Kg; 48pcs/14Kg/1.02CUFT
PS-30 Series
35 Royal Road, Flemington, NJ 08822-6000 • (tel.) 908-806-9400 • (fax) 908-806-9490 • www.altechcorp.com
30W Single Output Industrial DIN Rail Power Supply


Similar Part No. - PS-3012

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PS-30 ALTECH-PS-30 Datasheet
119Kb / 1P
30W Single Output Industrial DIN Rail Power Supply
logo
SOVICO corp.
PS-300 SOVICO-PS-300 Datasheet
1Mb / 1P
Power Sequening System
Mar. 2017.
logo
Advantech Co., Ltd.
PS-300ATX-DC48E ADVANTECH-PS-300ATX-DC48E Datasheet
130Kb / 1P
Power Supplies
PS-300ATX-DC48E ADVANTECH-PS-300ATX-DC48E Datasheet
1Mb / 3P
PS/2 Power Supplies
PS-300ATX-DC48E ADVANTECH-PS-300ATX-DC48E Datasheet
771Kb / 2P
Quiet 4U Rackmount Chassis
More results

Similar Description - PS-3012

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DR-30 ASTRODYNE-DR-30 Datasheet
287Kb / 2P
30W Single Output Industrial DIN Rail Power Supply
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DR-30 MEANWELL-DR-30 Datasheet
131Kb / 2P
30W Single Output Industrial DIN Rail Power Supply
MDR-10 MEANWELL-MDR-10 Datasheet
234Kb / 2P
10W Single Output Industrial DIN Rail Power Supply
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S100 ALTECH-PS-S100 Datasheet
712Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
PS-S40 ALTECH-PS-S40 Datasheet
613Kb / 2P
40W Single Output Industrial DIN Rail Power Supply
PS-30 ALTECH-PS-30 Datasheet
119Kb / 1P
30W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-30 MEANWELL-DR-30_11 Datasheet
317Kb / 2P
30W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-30 TOTAL-POWER-DR-30 Datasheet
220Kb / 2P
30W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com