Electronic Components Datasheet Search
  English  ▼

X  

BAS70T Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS70T
Description  Schottky Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS70T Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS70T Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
SOT-523
Unit: mm
0.2+0.05
-0.05
1.0+0.1
-0.1
1.6+0.1
-0.1
0.3+0.25
-0.05
0.5+0.1
-0.1
0.1+0.01
-0.01
1
2
3
1. Base
2. Emitter
3. Collecter
Schottky Diode
BAS70T;BAS70-04T
BAS70-05T;BAS70-06T
Features
Low Turn-on voltage
Fast switching
Ultra-small surface mount package
Also available in lead free version
A b solu te M a xim u m R atings T a = 2 5
P a ra m e te r
S ym bol
V a lu e
U nit
D C V o ltage
V RRM
70
V
F o rw ard C ontinuous C u rrent
V RW M
70
m A
P o w e r d issipatio n
V R
150
m W
Junction and S torage T e m perature
T J, T stg
-5 5to+ 1 5 0
Marking
Type
BAS70T
BAS70-04T
BAS70-05T
BAS70-06T
Marking
7C
7D
7E
7F
Electrical C haracteristics T a = 25
P aram eter
S ym bol
C onditions
M in
M ax
U nit
R everse breakdown voltage
V (BR)R
IR=10
A
70
V
R everse voltage
leakage current
IR
V R=50 V
100
nA
IF=1 m A
410
IF=15 m A
1000
D iode
capacitance
C d
V R=0,f=1M H z
2
pF
IF=IR=10 m A
Irr=0.1XIR,R L=100
R everse R ecovery Tim e
trr
Forward
voltage
V F
mV
5ns


Similar Part No. - BAS70T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70T DIODES-BAS70T Datasheet
49Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30261 Rev. 4 - 2
BAS70T DIODES-BAS70T Datasheet
362Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30261 Rev. 9 - 2
logo
SeCoS Halbleitertechnol...
BAS70T SECOS-BAS70T Datasheet
388Kb / 2P
Schottky Barrier Rectifiers
logo
Diodes Incorporated
BAS70T DIODES-BAS70T Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 July 2008
logo
Micro Commercial Compon...
BAS70T MCC-BAS70T Datasheet
604Kb / 3P
150mWatt, 70Volt Schottky Barrier Diode
More results

Similar Description - BAS70T

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
Schottky Diode
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com