Electronic Components Datasheet Search
  English  ▼

X  

BAV70S Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAV70S
Description  High-Speed Double Diode Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAV70S Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAV70S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAV70S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
BAV70S
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Max
Unit
IF = 1 mA
200
IF = 10 mA
260
IF = 50 mA
340
IF = 150 mA
420
VR =25V
30
nA
VR =75V
2.5
A
VR =25V; Tj = 150
60
A
VR =75V; Tj = 150
100
A
diode capacitance
Cd
VR = 0;f= 1 MHz;
1.5
pF
when switched from IF =10mA toIR =10mA;
RL = 100
;measured atIR =1mA;
forward recovery voltage
Vfr
when switched from IF =10mA; tr =20ns
1.75
V
reverse recovery time
trr
4ns
mV
forward voltage
VF
reverse current
IR
Marking
Marking
A4t



Html Pages

1 2