Electronic Components Datasheet Search
  English  ▼

X  

BU407D Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # BU407D
Description  POWER TRANSISTORS(7A,150-200V,60W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BU407D Datasheet(HTML) 1 Page - Mospec Semiconductor

  BU407D Datasheet HTML 1Page - Mospec Semiconductor BU407D Datasheet HTML 2Page - Mospec Semiconductor BU407D Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - BU407D

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
BU407D BOCA-BU407D Datasheet
113Kb / 3P
NPN POWER TRANSISTOR
logo
Inchange Semiconductor ...
BU407D ISC-BU407D Datasheet
67Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BU407D SAVANTIC-BU407D Datasheet
96Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BU407D NJSEMI-BU407D Datasheet
131Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - BU407D

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5427 MOSPEC-2N5427 Datasheet
132Kb / 3P
POWER TRANSISTORS(7A,40W)
2N6107 MOSPEC-2N6107 Datasheet
171Kb / 4P
POWER TRANSISTORS(7A,40W)
2SD633 MOSPEC-2SD633 Datasheet
127Kb / 3P
POWER TRANSISTORS(7A,40W)
BU406 MOSPEC-BU406 Datasheet
106Kb / 3P
POWER TRANSISTORS(7A,150-200V,60W)
BU407H MOSPEC-BU407H Datasheet
113Kb / 3P
POWER TRANSISTORS(7A,150-200V,60W)
BU806 MOSPEC-BU806 Datasheet
110Kb / 3P
POWER TRANSISTORS(8.0A,150-200V,60W)
D45H1B MOSPEC-D45H1B Datasheet
91Kb / 2P
POWER TRANSISTORS(10A,10V,60W)
logo
Fairchild Semiconductor
IRF220-223 FAIRCHILD-IRF220-223 Datasheet
165Kb / 5P
N-Channel Power MOSFETs, 7A, 150-200V
logo
Unisonic Technologies
7N20 UTC-7N20 Datasheet
214Kb / 5P
7A, 200V N-CHANNEL POWER MOSFET
7N20Z UTC-7N20Z Datasheet
217Kb / 5P
7A, 200V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com