Electronic Components Datasheet Search
  English  ▼

X  

2SB1571 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1571
Description  Silicon PNP Epitaxial Planar
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1571 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1571 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1571 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB =-50 V, IE = 0
-100
nA
Emitter Cut-off Current
IEBO
VEB =-6.0V, IC = 0
-100
nA
hFE1
VCE =-1.0V, IC = -1.0 A
80
hFE2
VCE =-1.0V, IC = -2.0 A
100
200
400
Base to Emitter Voltage *
VBE
VCE =-1.0V, IC = -0.1 A
-0.6
-0.665
-0.7
V
Collector Saturation Voltage *
VCE(sat)1 IC =-3.0A, IB = -0.15 A
-0.17
-0.35
V
Collector Saturation Voltage *
VCE(sat)2 IC =-5.0A, IB = -0.25 A
-0.28
-0.55
V
Base Saturation Voltage *
VBE(sat) IC =-3.0A, IB = -0.15 A
-0.89
-1.2
V
Gain Bandwidth Product
fT
VCE =-10 V, IE = 0.5 A
150
MHz
Output Capacitance
Cob
VCB =-10 V, IE = 0, f = 1.0 MHz
100
pF
Turn-on Time
ton
265
ns
Storage Time
tstg
350
ns
Fall Time
tf
50
ns
* Pulsed: PW
350 ìs, Duty Cycle
2%.
IC =-2.0A, VCC =-10 V,RL =5.0Ù, IB1
=-IB2 =-0.1A,
DC Current Gain *
2SB1571
hFE Classification
Marking
HX
HY
HZ
hFE
100
200
160
320
200
400



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com