Electronic Components Datasheet Search
  English  ▼

X  

PS75 Datasheet(PDF) 2 Page - Altech corporation

Part # PS75
Description  75W Single Phase Industrial DIN Rail Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PS75 Datasheet(HTML) 2 Page - Altech corporation

  PS75_1 Datasheet HTML 1Page - Altech corporation PS75_1 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-10
0
10
20
30
45
50
60
20
40
60
80
100
12V
24V,48V
85
90
105
125
145
165
185 205
225
265
245
100
90
80
70
60
50
40
Terminal Pin. No Assignment (TB1)
Terminal Pin. No Assignment (TB2)
Pin No.
Pin No.
1
1,2
2
3,4
3
Assignment
Assignment
FG
AC/L
AC/N
DC OUTPUT +V
DC OUTPUT -V
1
3
2
TB1
TB2
LED
2
4
3
1
+V ADJ.
125.2
ADMISSIBLE DIN-RAIL:TS35/7.5 OR TS35/15
Mechanical Specification
Output Derating
Output Derating Vs Input Voltage
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
(VERTICAL)
75W Single Phase Industrial DIN Rail Power Supply
PS-75 Series
35 Royal Road, Flemington, NJ 08822-6000 • (tel.) 908-806-9400 • (fax) 908-806-9490 • www.altechcorp.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com