Electronic Components Datasheet Search
  English  ▼

X  

MJD31C Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MJD31C
Description  Complementary Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MJD31C Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MJD31C Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MJD31C Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-emitter sustaining voltage MJD31,MJD32
40
V
MJD31C,MJD32C
100
V
Collector cutoff current
MJD31,MJD32
VCE =40V, IB =0
50
ìA
MJD31C,MJD32C
VCE =60V, IB =0
50
ìA
Collector cutoff current
ICES
VCE = Rated VCEO,VEB =0
20
ìA
Emitter cutoff current
IEBO
VBE =5V, IC =0
1
mA
IC =1A, VCE =4V
25
IC =3A, VCE =4V
10
50
Collector-emitter saturation voltage *
VCE(sat) IC =3A, IB = 375 mA
1.2
V
Base-emitter saturation voltage *
VBE(on)IC =3A, VCE =4V
1.8
V
Current-gain-bandwidth product *2
fT
IC = 500 mA,VCE =10V,ftest = 1 MHz
3
MHz
Small-signal current gain
hfe
IC =0.5 A, VCE =10V, f = 1kHz
20
*1 Pulse test: pulse width
300 ìs, duty cycle
2.0%.
*2 fT=
hfe
ftest
IC =30mA, IB =0
DC current gain *
hFE
VCEo(sus)
ICEO
MJD31,MJD31C(NPN)
MJD32,MJD32C(PNP)
hFE Classification
TYPE
MJD31
MJD31C
MJD32
MJD32C
Marking
J31
J31C
J32
J32C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com