Electronic Components Datasheet Search
  English  ▼

X  

2SC3360 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3360
Description  NPN Silicon Epitaxial Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3360 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3360 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN Silicon Epitaxial Transistor
2SC3360
Features
High DC current gain.hFE=90 to 450
High voltage VCEO=200V
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
200
V
Collector-emitter voltage
VCEO
200
V
Emitter-base voltage
VEBO
5V
Collector current
IC
100
mA
Total power dissipation
PT
200
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =200V, IE=0
100
nA
Emitter cutoff current
IEBO
VEB =5V, IC=0
100
nA
VCE =10V , IC = 10mA
90
200
450
VCE =10V , IC =50mA
50
200
Base-emitter voltage *
VBE
VCE =10V , IC = 10mA
0.6
0.64
0.7
V
Collector-emitter saturation voltage *
VCE(sat) IC =50mA , IB =5mA
0.1
0.3
V
Base saturation voltage *
VBE(sat) IC =50mA , IB =5mA
0.8
1.2
V
Gain bandwidth product
fT
VCE =10V , IE =-10mA
160
MHz
Output capacitance
Cob
VCB =30V , IE = 0 , f = 1.0MHz
2.8
pF
Turn-on time
ton
IC =10mA, IB1 =-IB2 =1mA,
0.15
ìs
Storage time
tstg
VCC =10V
1.3
ìs
Fall time
tf
VBE(off) = -2.5V
0.3
ìs
* Pulse test: tp
350 ìs; d
0.02.
DC current gain *
hFE
hFE Classification
Marking
N15
N16
N17
hFE
90
180
135
270
200
450


Similar Part No. - 2SC3360

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3360 NEC-2SC3360 Datasheet
194Kb / 4P
HIGH VOLTAGE AMPLIFIER AND SWITCHING NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD?
logo
Renesas Technology Corp
2SC3360 RENESAS-2SC3360 Datasheet
355Kb / 6P
Old Company Name in Catalogs and Other Documents
logo
Guangdong Kexin Industr...
2SC3360-3 KEXIN-2SC3360-3_15 Datasheet
1Mb / 3P
NPN Transistors
2SC3360-HF-3 KEXIN-2SC3360-HF-3_15 Datasheet
1Mb / 3P
NPN Transistors
2SC3360-HF KEXIN-2SC3360-HF_15 Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SC3360

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com