Electronic Components Datasheet Search
  English  ▼

X  

2SA1330 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1330
Description  PNP Silicon Epitaxial Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1330 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1330 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1330 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = -200V, IE=0
-100
nA
Emitter cutoff current
IEBO
VEB =-5V, IC=0
-100
nA
VCE =-10V , IC = -10mA
90
200
450
VCE =-10V , IC = -50mA
50
195
Base-emitter voltage *
VBE
VCE =-10V , IC = -10mA
-0.6
-0.65
-0.7
V
Collector-emitter saturation voltage *
VCE(sat) IC =-50mA , IB = -5mA
-0.21
-0.3
V
Base saturation voltage *
VBE(sat) IC =-50mA , IB = -5mA
-0.8
-1.2
V
Gain bandwidth product
fT
VCE =-10V , IE =10mA
120
MHz
Output capacitance
Cob
VCB =-30V , IE = 0 , f = 1.0MHz
3.6
pF
Turn-on time
ton
IC =-10mA, IB1 =-IB2 = -1mA,
0.16
ìs
Storage time
tstg
VCC =-10 V
1.3
ìs
Fall time
tf
VBE(off) = 2.5V
0.18
ìs
* Pulse test: tp
350 ìs; d
0.02.
DC current gain *
hFE
hFE Classification
Marking
O5O6O7
hFE
90
180
135
270
200
450
2SA1330



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com