Electronic Components Datasheet Search
  English  ▼

X  

FMMT495 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT495
Description  Power High Performance Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT495 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT495 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMT495 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Power High Performance Transistor
FMMT495
Features
SOT23 NPN silicon planar medium
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
170
V
Collector-emitter voltage
VCEO
150
V
Emitter-base voltage
VEBO
5V
Peak collector current
ICM
2A
Collector current
IC
1A
Base current
IB
200
mA
Power dissipation
Ptot
500
mW
Operating and storage temperature range
Tj,Tstg
-55to+150


Similar Part No. - FMMT495

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT495 ZETEX-FMMT495 Datasheet
135Kb / 2P
NPN SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
logo
Diodes Incorporated
FMMT495 DIODES-FMMT495 Datasheet
127Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM
NOVEMBER 1995
logo
Nanjing International G...
FMMT495 DGNJDZ-FMMT495 Datasheet
1Mb / 4P
SOT-23 Plastic-Encapsulate Transistors
logo
Diodes Incorporated
FMMT495QTA DIODES-FMMT495QTA Datasheet
209Kb / 7P
150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT495QTA DIODES-FMMT495QTA Datasheet
209Kb / 7P
150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
More results

Similar Description - FMMT495

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMT455 KEXIN-FMMT455 Datasheet
35Kb / 1P
High Performance Transistor
FMMT589 KEXIN-FMMT589 Datasheet
35Kb / 1P
Power High Performance Transistor
FCX589 KEXIN-FCX589 Datasheet
36Kb / 2P
Power High Performance Transistor
FZT751 KEXIN-FZT751 Datasheet
37Kb / 2P
High Performance Transistor
logo
STMicroelectronics
2STL1525 STMICROELECTRONICS-2STL1525 Datasheet
144Kb / 8P
Low voltage high performance NPN power transistor
01-Dec-2010
3STL2540 STMICROELECTRONICS-3STL2540 Datasheet
235Kb / 11P
Low voltage high performance PNP power transistor
22-May-2012
3STR1630 STMICROELECTRONICS-3STR1630 Datasheet
212Kb / 10P
Low voltage high performance NPN power transistor
15-Jun-2011
2STF1525 STMICROELECTRONICS-2STF1525 Datasheet
106Kb / 7P
Low voltage high performance NPN power transistor
12-Nov-2009
3STF1640 STMICROELECTRONICS-3STF1640 Datasheet
395Kb / 12P
Low voltage high performance NPN power transistor
10-Apr-2013
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
Low Power High Performance Low Power High Performance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com