Electronic Components Datasheet Search
  English  ▼

X  

843B Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 843B
Description  Surface Mount Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

843B Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  843B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 843B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Diodes
www.kexin.com.cn
1
Surface Mount Zener Diodes
1SMA59-B Series
Features
Flat Handling Surface for Accurate Placement
Standard Zener Breakdown Voltage Range -3.3V to 68V
Low Profile Package
Absolute Maximum Ratings (Ta = 25
)
Parameter
Symbol
Rating
Unit
Power dissipation
@ TL =75
P
1500
mW
Thermal Resistance, Junction to Lead
R JL
50
/W
Power dissipation
@ TA =25
P
500
mW
Thermal Resistance, Junction to Ambient
R JA
250
/W
Jumction temperature
Tj
150
Storage temperature
Tstg
-65to+150
Electrical Characteristics (Ta = 25
)
Min.
Mom.
Max.
@IZT
(mA)
ZZT @IZT
(
)
ZZK
(
)
@IZK
(mA)
IR
(
A)
@VR
(V)
1SMA5913B
3.13
3.3
3.47
113.6
10
500
1.0
50
1.0
455
813B
1SMA5914B
3.42
3.6
3.78
104.2
9.0
500
1.0
35.5
1.0
417
814B
1SMA5915B
3.70
3.9
4.10
96.1
7.5
500
1.0
12.5
1.0
385
815B
1SMA5916B
4.08
4.3
4.52
87.2
6.0
500
1.0
2.5
1.0
349
816B
1SMA5917B
4.46
4.7
4.94
79.8
5.0
500
1.0
2.5
1.5
319
817B
1SMA5918B
4.84
5.1
5.36
73.5
4.0
350
1.0
2.5
2.0
294
818B
1SMA5919B
5.32
5.6
5.88
66.9
2.0
250
1.0
2.5
3.0
268
819B
1SMA5920B
5.89
6.2
6.51
60.5
2.0
200
1.0
2.5
4.0
242
820B
1SMA5921B
6.46
6.8
7.14
55.1
2.5
200
1.0
2.5
5.2
221
821B
1SMA5922B
7.12
7.5
7.88
50
3.0
400
0.5
2.5
6.0
200
822B
Marking
Leakage Current
Type
Zener voltage
VZ (V)
Zener Impedance
IZM
(mA)
(dc)


Similar Part No. - 843B

ManufacturerPart #DatasheetDescription
logo
France Joint
843 FRANCEJOINT-843 Datasheet
376Kb / 5P
ROTO SEALS
logo
Copyright BG
843 BG-843 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
843 BG-843 Datasheet
56Kb / 1P
Nexus Moulded Wiring Accessories
logo
Walther-Werke
843 WALTHER-843 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
France Joint
843.008 FRANCEJOINT-843.008 Datasheet
376Kb / 5P
ROTO SEALS
More results

Similar Description - 843B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com