Electronic Components Datasheet Search
  English  ▼

X  

MMBTA93 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBTA93
Description  High Voltage Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBTA93 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBTA93 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBTA93 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Marking
Marking
2E
MMBTA93
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-emitter breakdown voltage *
V(BR)CEO IC =-1.0mA, IB =0
-200
V
Collector-base breakdown voltage
V(BR)CBO IC =-100ìA, IE =0
-200
V
Emitter-base breakdown voltage
V(BR)EBO IE =-100ìA, IC =0
-5
V
Collector cutoff current
ICBO
VCB =-160V, IE =0
-0.25
ìA
Emitter cutoff current
IEBO
VEB =-3.0V, IC =0
-0.1
ìA
IC =-1.0mA, VCE =-10 V
25
IC =-10 mA, VCE =-10 V
40
IC =-30 mA, VCE =-10 V
25
Collector-emitter saturation voltage *
VCE(sat) IC =-20 mA, IB = -2.0 mA
-0.5
V
Base-emitter saturation voltage *
VBE(sat) IC =-20 mA, IB = -2.0 mA
-0.9
V
Current-gain - bandwidth product
fT
IC =-10 mA, VCE = -20 V, f = 100 MHz
50
MHz
Collector-base capacitance
Ccb
VCB =-20 V, IE = 0,f= 1.0 MHz
8
pF
* Pulse Test: Pulse Width
300 ìs, Duty Cycle
2.0%.
hFE
DC current gain *



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com