Electronic Components Datasheet Search
  English  ▼

X  

TC07 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC07
Description  3V LOGIC OUTPUT TEMPERATURE SENSOR WITH PROGRAMMABLE HYSTERESIS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC07 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC07 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC07 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC07 Datasheet HTML 3Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2-13
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TEMPERATURE (
°C)
-55
-35
-15
5
25
45
65
85
105
125
50
100
150
200
250
Figure 2. Programming Resistor Values vs. Temperature
Figure 3. TC07 as a Fan Controller
NC
TC07
RT
RH
+2.7 to 5.5V
+12V
TSET
HSET
GND
VDD
OUT
NC
LOGIC
LEVEL
MOSFET
DC FAN
OUT
+
OUT
FAN "ON"
HSET
TSET
Figure 4. TC07 as a Heater Thermostat
NC
TC07
RT
RH
+2.7 to 5.5V
+12V
TSET
HSET
GND
VDD
OUT
NC
LOGIC
LEVEL
MOSFET
HEATER
OUT
OUT
HEATER "ON"
HSET
TSET
Cooling and Heating Applications
The TC07 can be used to control a DC fan as shown in
Figure 3. The fan turns on when the sensed temperature
rises above TSET and remains on until the temperature falls
below HSET. The amount of "over-cooling" performed by the
fan is dependent on the programmed hysteresis.
Figure 4 shows the TC07 acting as a heater thermostat.
Circuit operation is identical to that of the cooling fan
application.
TC07
3V LOGIC OUTPUT TEMPERATURE
SENSOR WITH PROGRAMMABLE
HYSTERESIS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com