Electronic Components Datasheet Search
  English  ▼

X  

TC1014 Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC1014
Description  50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1014 Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC1014 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC1014
4
50mA CMOS LDO WITH SHUTDOWN
AND REFERENCE BYPASS
PRELIMINARY INFORMATION
TC1014-01-6/5/97
PD ≈ (VINMAX – VOUTMIN)ILOADMAX
Where:
PD = Worst case actual power dissipation
VIN
MAX = Maximum voltage on VIN
VOUT
MIN = Minimum regulator output voltage
ILOAD
MAX = Maximum output (load) current
Equation 1.
The maximum
allowable power dissipation (Equation 2)
is a function of the maximum ambient temperature (TAMAX),
the maximum allowable die temperature (125
°C) and the
thermal resistance from junction-to-air (
θJA). The
SOT-23A-5 package has a
θJA of approximately 220°C/Watt
when mounted on a single layer FR4 dielectric copper clad
PC board.
PD
MAX = (TJMAX – TJMAX)
θJA
Where all terms are previously defined.
Equation 2.
Equation 1 can be used in conjunction with Equation 2
to ensure regulator thermal operation is within limits. For
example:
Given:
VIN
MAX = 3.0V ±5%
VOUT
MIN = 2.7V ±0.5V
ILOAD = 40mA
TAMAX = 55°C
Find:
1. Actual power dissipation
2. Maximum allowable dissipation
Actual power dissipation:
PD ≈ (VINMAX – VOUTMIN)ILOADMAX
= [(3.0 x 1.1) – (2.7 x .995)]40 x 10–3
= 18.5mW
Maximum allowable power dissipation:
PD
MAX = (TJMAX – TAMAX)
θJA
= (125 – 55)
220
= 318mW
In this example, the TC1014 dissipates a maximum of
only 60mW; far below the allowable limit of 318mW. In a
similar manner, Equation 1 and Equation 2 can be used to
calculate maximum current and/or input voltage limits. For
example, the maximum allowable VIN is found by sustituting
the maximum allowable power dissipation of 318mW into
Equation 1, from which VINMAX = 5.9V.
Layout Considerations
The primary path of heat conduction out of the package
is via the package leads. Therefore, layouts having a
ground plane, wide traces at the pads, and wide power
supply bus lines combine to lower
θJA and, therefore,
increase the maximum allowable power dissipation limit.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com