Electronic Components Datasheet Search
  English  ▼

X  

1SS378 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS378
Description  HIGH SWITCHING DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS378 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS378 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
HIGH SWITCHING DIODE
1SS378
Features
Low forward voltage:VF(3) =0.23V(Typ)@IF =5mA
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VF(1)
IF = 1 mA
0.18
VF(2)
IF = 5 mA
0.23
0.3
VF(3)
IF = 100 mA
0.35
0.5
IR
VR =10V
20
A
Total capacitance
Ct
VR =0, f =1.0 MHz
20
40
pF
V
Forward voltage
Marking
Marking
O9
Absolute M axim um Ratings T a = 25
Param eter
Sym bol
Rating
Unit
Maxim um (peak) reverse voltage
VRM
85
V
Reverse voltage
VR
80
V
Maxim um (peak) forward current
IFM
300(*)
m A
Average forward Current
IO
100(*)
m A
Surge current (10 m s)
IFSM
2(*)
A
Power dissipation
P
100
m W
Junction Tem perature
Tj
125
Storage Tem perature range
Tstg
-55to+125
O perating tem perature range
Topr
-40to+100
(*) Unit rating.Total rating = Unit rating
1.5


Similar Part No. - 1SS378

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS378 TOSHIBA-1SS378 Datasheet
121Kb / 2P
DIODE (HGIH SPEED SWITCHING)
1SS378 TOSHIBA-1SS378_14 Datasheet
217Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Schottky Barrier Type
More results

Similar Description - 1SS378

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD41 CENTRAL-CPD41 Datasheet
132Kb / 2P
Switching Diode High Current Switching Diode Chip
CPD63 CENTRAL-CPD63 Datasheet
207Kb / 2P
Switching Diode High Speed Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
CPD83V CENTRAL-CPD83V Datasheet
128Kb / 2P
Switching Diode High Speed Switching Diode Chip
CPD41 CENTRAL-CPD41_10 Datasheet
470Kb / 2P
Switching Diode High Current Switching Diode Chip
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
CPD83V CENTRAL-CPD83V_10 Datasheet
427Kb / 2P
Switching Diode High Speed Switching Diode Chip
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com