Electronic Components Datasheet Search
  English  ▼

X  

LT1790AC Datasheet(PDF) 11 Page - Linear Technology

Part # LT1790AC
Description  Micropower SOT-23 Low Dropout Reference Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790AC Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1790AC Datasheet HTML 7Page - Linear Technology LT1790AC Datasheet HTML 8Page - Linear Technology LT1790AC Datasheet HTML 9Page - Linear Technology LT1790AC Datasheet HTML 10Page - Linear Technology LT1790AC Datasheet HTML 11Page - Linear Technology LT1790AC Datasheet HTML 12Page - Linear Technology LT1790AC Datasheet HTML 13Page - Linear Technology LT1790AC Datasheet HTML 14Page - Linear Technology LT1790AC Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LT1790
1790fa
Line Regulation
Output Impedance vs Frequency
Power Supply Rejection Ratio
vs Frequency
INPUT VOLTAGE (V)
0
1.255
1.265
1.275
1.285
16
17901.25. G07
1.245
1.235
1.250
1.260
1.270
1.280
1.240
1.230
1.225
4
8
12
218
6
10
14
20
TA = –55°C
TA = 25°C
TA = 125°C
FREQUENCY (Hz)
–60
0
10
–70
–80
–10
–40
–20
–30
–50
100
10k
100k
1M
17901.25 G08
–90
1k
VIN = 3V
CL = 1µF
FREQUENCY (Hz)
1
10
100
100
10k
100k
17901.25 G09
0
1k
500
VIN = 3V
CL = 0.47µF
CL = 4.7µF
CL = 1µF
1.25V TYPICAL PERFOR A CE CHARACTERISTICS
Each of the voltage options have similar performance curves. For the 3V, 3.3V and the 4.096V options,
the curves can be estimated based on the 2.5V and 5V curves.
– 1.25V Characteristics
Long-Term Drift
(Data Points Reduced After 500 Hr)
Output Noise 0.1Hz to 10Hz
Output Voltage Noise Spectrum
OUTPUT TO GROUND VOLTAGE (V)
0
0.10
0.20
0.30
0.05
0.15
0.25
–2.0
–1.5
–1.0
–0.5
17091.25 G10
0
–2.5
–VEE
VOUT
3V
RL
5k
4
2
1
6
1
µF
LT1790-1.25
R1 10k
TA = 25°C
TA = 125°C
TA = –55°C
HOURS
0
60
100
140
800
17901.25 G10
20
–20
40
80
120
0
–40
–60
200
400
600
1000
LT1790S6-1.25V
2 TYPICAL PARTS SOLDERED TO PCB
TA = 30°C
TIME (SEC)
0
8
17901.2 G12
246
10
7
135
9
FREQUENCY (Hz)
10
2.0
2.5
3.0
3.5
4.0
100
1k
10k
17901.25 G13
1.5
1.0
0.5
0
4.5
5.0
CL = 1µF
IO = 100µA
IO = 0µA
IO = 250µA
IO = 1mA
Integrated Noise 10Hz to 1kHz
FREQUENCY (Hz)
10
1
10
100
100
1000
LT1790 G01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com