Electronic Components Datasheet Search
  English  ▼

X  

2SC3651 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3651
Description  NPN Epitaxial Planar Silicon Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3651 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3651 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
NPN Epitaxial Planar Silicon Transistors
2SC3651
Features
High DC current gain
High breakdown voltage
Low colleotor-to- emitter saturation voltage
High VEBO (VEBO
15V)
Very small size making it easy to provide high-density
small-sized hybrid IC's.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
collector-base voltage
VCBO
120
V
collector-emitter voltage
VCEO
100
V
emitter-base voltage
VEBO
15
V
collector current
IC
200
mA
Collector Current (pulse)
ICP
300
mA
500
mA
1.3 *
W
Junotion Temperature
TJ
150
storage Temperature
Tstg
-55to150
*Mounted on ceramic board (250mm
2X0.8mm)
PC
Collector Dissipation
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
collector cutoff Current
ICBO
VCB=80V,IE=0
0.1
ìA
Emitter cutoff current
IEBO
VEB=10V,IC=0
0.1
ìA
VCE=5V,IC=10mA
500
1000
2000
VCE=5V,IC=100mA
400
Gain-Bandwidth product
fT
VCE=10V,IC=10mA
150
MHz
Output Capacitance
cob
VCB=10V,f=1MHz
6.5
pF
Collector to Emitter Saturation Voltage
VCE(sat)
IC=100mA,IB=2mA
0.15
0.5
V
Base to Emitter Stauration Voltage
VBE(sat)
IC=100mA,IE=2mA
V
Collector to Base Breakdown Voltage
V(BR)CBO
IC=100ìA,IE=0
V
Collector to Emitter Breakdown Voltage
V(BR)CEO
IC=1mA,IB=0
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE=10ìA,IC=0
V
DC Current Gain
hFE
Marking
Marking
CG


Similar Part No. - 2SC3651

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3651 SANYO-2SC3651 Datasheet
83Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications???????
2SC3651 SANYO-2SC3651 Datasheet
112Kb / 3P
High hFE, Low-Frequency General-Purpose Amplifier Applications
2SC3651 SANYO-2SC3651_1 Datasheet
112Kb / 3P
High hFE, Low-Frequency General-Purpose Amplifier Applications
More results

Similar Description - 2SC3651

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com