Electronic Components Datasheet Search
  English  ▼

X  

LT1801 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1801
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801 Datasheet(HTML) 5 Page - Linear Technology

  LT1801 Datasheet HTML 1Page - Linear Technology LT1801 Datasheet HTML 2Page - Linear Technology LT1801 Datasheet HTML 3Page - Linear Technology LT1801 Datasheet HTML 4Page - Linear Technology LT1801 Datasheet HTML 5Page - Linear Technology LT1801 Datasheet HTML 6Page - Linear Technology LT1801 Datasheet HTML 7Page - Linear Technology LT1801 Datasheet HTML 8Page - Linear Technology LT1801 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1801/LT1802
18012fb
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the temperature range of
–40
°C < TA < 85°C. VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted. (Note 5)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = 0V
●
175
700
µV
VCM = 0V (MS8)
●
200
850
µV
VCM = 0V (DD)
●
320
1150
µV
VCM = VS
●
0.75
4
mV
∆VOS
Input Offset Shift
VCM = 0V to VS – 1.5V
●
30
300
µV
Input Offset Voltage Match
VCM = 0V
●
200
1250
µV
(Channel-to-Channel) (Note 9)
VCM = 0V (MS8)
●
280
1600
µV
VCM = 0V (DD)
●
320
1800
µV
VOS TC
Input Offset Voltage Drift (Note 8)
●
1.5
5
µV/°C
IB
Input Bias Current
●
50
400
nA
VCM = VS – 0.2V
●
600
2250
nA
Input Bias Current Match
VCM = 1V
●
25
450
nA
(Channel-to-Channel) (Note 9)
VCM = VS – 0.2V
●
25
700
nA
IOS
Input Offset Current
VCM = 1V
●
25
350
nA
VCM = VS – 0.2V
●
25
350
nA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k at VS/2
●
20
65
V/mV
VS = 5V, VO = 1.5V to 3.5V, RL = 100Ω at VS/2
●
2
6
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL = 1k at VS/2
●
17.5
65
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 0V to 3.5V
●
81
101
dB
VS = 3V, VCM = 0V to 1.5V
●
73
93
dB
CMRR Match (Channel-to-Channel) (Note 9)
VS = 5V, VCM = 0V to 3.5V
●
75
101
dB
VS = 3V, VCM = 0V to 1.5V
●
67
93
dB
Input Common Mode Range
●
0VS
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
●
73
90
dB
PSRR Match (Channel-to-Channel) (Note 9)
VS = 2.5V to 10V, VCM = 0V
●
67
90
dB
Minimum Supply Voltage (Note 6)
VCM = VO = 0.5V
●
2.3
2.5
V
VOL
Output Voltage Swing Low (Note 7)
No Load
●
15
90
mV
ISINK = 5mA
●
105
250
mV
ISINK = 10mA
●
170
400
mV
VOH
Output Voltage Swing High (Note 7)
No Load
●
25
90
mV
ISOURCE = 5mA
●
150
350
mV
ISOURCE = 10mA
●
300
700
mV
ISC
Short-Circuit Current
VS = 5V
●
12.5
30
mA
VS = 3V
●
12.5
30
mA
IS
Supply Current per Amplifier
●
2.1
3
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz
●
25
70
MHz
SR
Slew Rate
VS = 5V, AV = – 1, RL = 1k, VO = 4V
●
918
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com