Electronic Components Datasheet Search
  English  ▼

X  

LT1802IS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1802IS
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1802IS Datasheet(HTML) 1 Page - Linear Technology

  LT1802IS Datasheet HTML 1Page - Linear Technology LT1802IS Datasheet HTML 2Page - Linear Technology LT1802IS Datasheet HTML 3Page - Linear Technology LT1802IS Datasheet HTML 4Page - Linear Technology LT1802IS Datasheet HTML 5Page - Linear Technology LT1802IS Datasheet HTML 6Page - Linear Technology LT1802IS Datasheet HTML 7Page - Linear Technology LT1802IS Datasheet HTML 8Page - Linear Technology LT1802IS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1801/LT1802
18012fb
Dual/Quad 80MHz, 25V/
µs
Low Power Rail-to-Rail Input and
Output Precision Op Amps
The LT
®1801/LT1802 are dual/quad, low power, high
speed rail-to-rail input and output operational amplifiers
with excellent DC performance. The LT1801/LT1802 fea-
ture reduced supply current, lower input offset voltage,
lower input bias current and higher DC gain than other
devices with comparable bandwidth.
Typically, the LT1801/LT1802 have an input offset voltage
of less than 100
µV, an input bias current of less than 50nA
and an open-loop gain of 85 thousand.
The LT1801/LT1802 have an input range that includes
both supply rails and an output that swings within 20mV
of either supply rail to maximize the signal dynamic range
in low supply applications.
The LT1801/LT1802 maintain their performance for sup-
plies from 2.3V to 12.6V and are specified at 3V, 5V and
±5V supplies. The inputs can be driven beyond the sup-
plies without damage or phase reversal of the output.
The LT1801 is available in the MS8, SO-8 and the 3mm
×
3mm
× 0.8mm dual fine pitch leadless package (DFN) with
the standard dual op amp pinout. The LT1802 features the
standard quad op amp configuration and is available in the
14-pin plastic SO package. The LT1801/LT1802 can be
used as plug-in replacements for many op amps to im-
prove input/output range and performance.
For a single version of these amplifiers, see the LT1800
data sheet.
■ Gain Bandwidth Product: 80MHz
■ Input Common Mode Range Includes Both Rails
■ Output Swings Rail-to-Rail
■ Low Voltage Operation: Single or Split Supplies
2.3V to 12.6V
■ Low Quiescent Current: 2mA/Amplifier Max
■ Input Offset Voltage: 350
µV Max
■ Input Bias Current: 250nA Max
■ 3mm
× 3mm × 0.8mm DFN Package
■ Large Output Current: 50mA Typ
■ Low Voltage Noise: 8.5nV/
√Hz Typ
■ Slew Rate: 25V/
µs Typ
■ Common Mode Rejection: 105dB Typ
■ Power Supply Rejection: 97dB Typ
■ Open-Loop Gain: 85V/mV Typ
■ Operating Temperature Range: – 40
°C to 85°C
■ LT1801 is Available in 8-Lead SO, MS8 and DFN
Packages
■ LT1802 is Available in 14-Lead SO Package
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
■ Low Voltage, High Frequency Signal Processing
■ Driving A/D Converters
■ Rail-to-Rail Buffer Amplifiers
■ Active Filters
■ Video Line Driver
1/2 LT1801
47pF
220pF
VIN
VS/2
909
Ω
2.67k
909
Ω
1/2 LT1801
22pF
VOUT
470pF
18012 TA01
1.1k
2.21k
3V
1.1k
3V, 1MHz, 4th Order Butterworth Filter
FREQUENCY (Hz)
–80
–40
0
–100
–60
–20
1k
100k
1M
10M
100M
18012 TA02
–120
10k
1MHz Filter Frequency Response
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1802IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1802 LINER-LT1802 Datasheet
1Mb / 18P
2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
logo
Analog Devices
LT1802 AD-LT1802 Datasheet
2Mb / 28P
1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
LT1802 AD-LT1802 Datasheet
1Mb / 16P
High Temperature 175°C Dual 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nV/√Hz Noise, Low Power Op Amp
6203xf
LT1802 AD-LT1802 Datasheet
752Kb / 26P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Rev C
logo
Linear Technology
LT1802 LINER-LT1802_15 Datasheet
351Kb / 20P
Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
More results

Similar Description - LT1802IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1630 LINER-LT1630_1 Datasheet
359Kb / 20P
30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1800 LINER-LT1800_15 Datasheet
284Kb / 18P
80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1801 LINER-LT1801_15 Datasheet
351Kb / 20P
Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1802 LINER-LT1802_15 Datasheet
351Kb / 20P
Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com