Electronic Components Datasheet Search
  English  ▼

X  

LT1805 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1805
Description  Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1805 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1805 Datasheet HTML 9Page - Linear Technology LT1805 Datasheet HTML 10Page - Linear Technology LT1805 Datasheet HTML 11Page - Linear Technology LT1805 Datasheet HTML 12Page - Linear Technology LT1805 Datasheet HTML 13Page - Linear Technology LT1805 Datasheet HTML 14Page - Linear Technology LT1805 Datasheet HTML 15Page - Linear Technology LT1805 Datasheet HTML 16Page - Linear Technology LT1805 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1803/LT1804/LT1805
180345f
APPLICATIO S I FOR ATIO
TYPICAL PERFOR A CE CHARACTERISTICS
Output Overdrive Recovery
Circuit Description
The LT1803/LT1804/LT1805 have input and output signal
ranges from the negative power supply to the positive
power supply. Figure 1 depicts a simplified schematic of
one amplifier. The input stage is comprised of two differ-
ential amplifiers, a PNP stage Q1/Q2 and an NPN stage Q3/
Q4 that are active over the different ranges of the common
mode input voltage. The PNP differential pair is active
between the negative supply and approximately 1.3V
below the positive supply. As the input voltage moves
toward the positive supply, the transistor Q5 will steer the
tail current I1 to the current mirror Q6/Q7 activating the
NPN differential pair. The PNP pair becomes inactive for
the rest of the input common mode range up to the positive
supply. Also at the input stage, devices Q18 and Q19 act
to cancel the bias current of the PNP input pair. When Q1
and Q2 are active, the current in Q16 is controlled to be the
same as the current in Q1 and Q2; therefore, the base
current of Q16 is nominally equal to the base current of the
input devices. The base current of Q16 is then mirrored by
devices Q17 through Q19 to cancel the base current of the
input devices Q1 and Q2.
A pair of complementary common emitter stages Q14/
Q15 that enable the output to swing from rail-to-rail
constructs the output stage. The capacitors C1 and C2
form the local feedback loops that lower the output
impedance at high frequency. The LT1803/LT1804/LT1805
are fabricated on Linear Technology’s proprietary high
speed complementary bipolar process.
Power Dissipation
There is a need to ensure that the die’s junction tempera-
ture does not exceed 150
°C. Junction temperature TJ is
calculated from the ambient temperature TA, power dissi-
pation PD and thermal resistance θJA:
TJ = TA + (PD • θJA)
The power dissipated in the IC is a function of the supply
voltage, amplifier current, output voltage and output cur-
rent. For a given supply voltage, the worst-case power
dissipation, PDMAX, occurs when the output current and
voltage drop in the amplifier product is maximized. For
example, if the amplifier is sourcing a constant current
then the PDMAX occurs when the output voltage is at about
VS–. On the other hand, for a given load resistance to
ground, the PDMAX will occur when the output voltage is at
half of either supply voltage. PDMAX for a given resistance
to ground is given by:
PDMAX = (VS+ – VS–) ISMAX + (VS/2)2/RL
Example: An LT1804 in an SO-8 package operating on
±5V
supplies and driving a 100
Ω loadtoground,thePDMAXper
amplifier is given by:
PDMAX = (10 • 3.25mA) + (2.5)2/100 = 0.0425 + 0.0625
= 0.095W
ISMAX is approximated for a typical part from the Supply
Currrent vs Supply Voltage graph.
±5V Large-Signal Response
±5V Small-Signal Response
180345 G39
VIN
1V/DIV
VOUT
2V/DIV
0V
100ns/DIV
VS = 5V, 0V
AV = 2
RL = 1k
180345 G38
50mV/DIV
0V
50ns/DIV
VS = ±5V
AV = 1
RL = 1k
180345 G37
2V/DIV
0V
200ns/DIV
VS = ±5V
AV = 1
RL = 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com