Electronic Components Datasheet Search
  English  ▼

X  

LT1803CS5 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1803CS5
Description  Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1803CS5 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1803CS5 Datasheet HTML 12Page - Linear Technology LT1803CS5 Datasheet HTML 13Page - Linear Technology LT1803CS5 Datasheet HTML 14Page - Linear Technology LT1803CS5 Datasheet HTML 15Page - Linear Technology LT1803CS5 Datasheet HTML 16Page - Linear Technology LT1803CS5 Datasheet HTML 17Page - Linear Technology LT1803CS5 Datasheet HTML 18Page - Linear Technology LT1803CS5 Datasheet HTML 19Page - Linear Technology LT1803CS5 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1803/LT1804/LT1805
180345f
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0803 1K • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1399
Triple 300MHz Current Feedback Amplifier
0.1dB Gain Flatness to 150MHz, Shutdown
LT1498/LT1499
Dual/Quad 10MHz, 6V
µs Rail-to-Rail Input and Output
High DC Accuracy, 475
µV VOS(MAX), 4µV/°C Max Drift,
C-Load
TM Op Amps
Max Supply Current 2.2mA per Amp
LT1630/LT1631
Dual/Quad 30MHz, 10V/
µs Rail-to-Rail Input and Output Op Amps
High DC Accuracy, 525
µV VOS(MAX), 70mA Output Current,
Max Supply Current 4.4mA per Amplifier
LT1800/LT1801
Single/Dual/Quad 80MHz, 25V/
µs Low Power Rail-to-Rail
High DC Accuracy, 350
µV VOS(MAX), Max Supply Currrent
LT1802
Input/Output Precision Op Amps
2mA per Amplifier
LT1806/LT1807
Single/Dual 325MHz, 140V/
µs Rail-to-Rail Input/Output Amps
High DC Accuracy, 550
µV VOS(MAX), Low Noise 3.5nV/√Hz,
Low Distortion – 80dB at 5MHz, Power-Down (LT1806)
LT1809/LT1810
Single/Dual 180MHz Rail-to-Rail Input/Output Op Amps
350V/
µs Slew Rate, Low Distortion –90dB at 5MHz,
Power-Down (LT1809)
LT6200/LT6201
Single/Dual Ultralow Noise Rail-to-Rail Amplifier
0.95nV/Hz, 165MHz Gain Bandwidth, 44V/
µs
LT6200-5
Single Ultralow Noise Rail-to-Rail Amplifier
0.95nV/Hz, 800MHz Gain Bandwidth, 210V/
µs, AV ≥5
LT6200-10
Single Ultralow Noise Rail-to-Rail Amplifier
0.95nV/Hz, 1.6GHz Gain Bandwidth, 340V/
µs, AV ≥10
LT6202/LT6203
Single/Dual/Quad 90MHz, 24V/
µs Rail-to-Rail Input/Output,
High DC Accuracy, 500
µV VOS(MAX), Max Supply Currrent
LT6204
Ultralow 1.9nV/
√Hz Noise, Low Power Op Amps
3mA per Amplifier
C-Load is a trademark of Linear Technology Corporation.
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
500mA Pulse Response of LED Array Driver
–
+
• • •
SCANNER LED ARRAY
RATED 600mA AT 5V
VIN
LT1803
27pF
332
Ω
332
Ω
10V
10
Ω
3.01k
3
2
7
6
4
IOUT
IOUT = VIN • 1A
2 FOOT WIRE
RSENSE
0.1
Ω
VSENSE
5V
INTERNATIONAL
RECTIFIER
IRLL3303
1803 TAO3a
(NOT CURRENT LIMITED UNDER
SHORT-CIRCUIT CONDITIONS)
LED Array Driver
0V
0V
0V
PIN 3
PIN 6
VSENSE
FET
SOURCE
1803 TA03b
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com