Electronic Components Datasheet Search
  English  ▼

X  

LT1809 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1809
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809 Datasheet(HTML) 5 Page - Linear Technology

  LT1809 Datasheet HTML 1Page - Linear Technology LT1809 Datasheet HTML 2Page - Linear Technology LT1809 Datasheet HTML 3Page - Linear Technology LT1809 Datasheet HTML 4Page - Linear Technology LT1809 Datasheet HTML 5Page - Linear Technology LT1809 Datasheet HTML 6Page - Linear Technology LT1809 Datasheet HTML 7Page - Linear Technology LT1809 Datasheet HTML 8Page - Linear Technology LT1809 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LT1809/LT1810
The q denotes the specifications which apply over the 0
°C ≤ TA ≤ 70°C
temperature range. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open; VCM = VOUT = half supply, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100
q
80
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100
q
50
ns
GBW
Gain-Bandwidth Product
Frequency = 2MHz
q
145
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 4VP-P
q
250
V/
µs
FPBW
Full Power Bandwidth
VS = 5V, VOUT = 4VP-P
q
20
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V + LT1809 SO-8
q
1
3.5
mV
VCM = V – LT1809 SO-8
q
1
3.5
mV
VCM = V
+
q
1
4.0
mV
VCM = V –
q
1
4.0
mV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = V +
q
925
µV/°C
VCM = V
–
q
925
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V – to V+ LT1809 SO-8
q
0.5
3.0
mV
VCM = V–
q
0.5
3.5
mV
Input Offset Voltage Match (Channel-to-Channel)
VCM = V+, VCM = V –
q
1.2
7
mV
(Note 10)
IB
Input Bias Current
VCM = V
+ – 0.2V
q
212
µA
VCM = V – + 0.4V
q
–35
–17
µA
∆IB
Input Bias Current Shift
VCM = V – + 0.4V to V + – 0.2V
q
19
47
µA
Input Bias Current Match (Channel-to-Channel)
VCM = V
+ – 0.2V
q
0.2
6
µA
(Note 10)
VCM = V – + 0.4V
q
0.6
12
µA
IOS
Input Offset Current
VCM = V + – 0.2V
q
0.08
2
µA
VCM = V – + 0.4V
q
0.5
6
µA
∆IOS
Input Offset Current Shift
VCM = V – + 0.4V to V + – 0.2V
q
0.58
7.5
µA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
q
17
60
V/mV
VS = 5V, VO = 1V to 4V, RL = 100Ω to VS/2
q
2.5
7
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL = 1k to VS/2
q
10
35
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V
– to V+
q
63
80
dB
VS = 3V, VCM = V– to V +
q
58
75
dB
CMRR Match (Channel-to-Channel) (Note 10)
VS = 5V, VCM = V– to V +
q
57
78
dB
VS = 3V, VCM = V– to V +
q
52
72
dB
Input Common Mode Range
q
V –
V +
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
q
69
83
dB
PSRR Match (Channel-to-Channel) (Note 10)
VS = 2.5V to 10V, VCM = 0V
q
63
83
dB
Minimum Supply Voltage (Note 6)
q
2.3
2.5
V
VOL
Output Voltage Swing LOW (Note 7)
No Load
q
18
70
mV
ISINK = 5mA
q
60
150
mV
ISINK = 25mA
q
210
450
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
q
55
130
mV
ISOURCE = 5mA
q
120
240
mV
ISOURCE = 25mA
q
375
750
mV
ISC
Short-Circuit Current
VS = 5V
q
±30
±70
mA
VS = 3V
q
±25
±60
mA
IS
Supply Current per Amplifier
q
15
21
mA
Supply Current, Shutdown
VS = 5V, VSHDN = 0.3V
q
0.58
1.5
mA
VS = 3V, VSHDN = 0.3V
q
0.35
1.2
mA
The q denotes the specifications which apply over the – 40
°C ≤ TA ≤ 85°C temperature range. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open;
VCM = VOUT = half supply, unless otherwise noted. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com