Electronic Components Datasheet Search
  English  ▼

X  

LT1810 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1810
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1810 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1810 Datasheet HTML 9Page - Linear Technology LT1810 Datasheet HTML 10Page - Linear Technology LT1810 Datasheet HTML 11Page - Linear Technology LT1810 Datasheet HTML 12Page - Linear Technology LT1810 Datasheet HTML 13Page - Linear Technology LT1810 Datasheet HTML 14Page - Linear Technology LT1810 Datasheet HTML 15Page - Linear Technology LT1810 Datasheet HTML 16Page - Linear Technology LT1810 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LT1809/LT1810
TYPICAL PERFOR A CE CHARACTERISTICS
Power Supply Rejection Ratio
vs Frequency
Series Output Resistor
vs Capacitive Load
FREQUENCY (Hz)
1k
10k
40
50
60
70
80
100k
1M
10M
100M
1809 G31
30
20
10
0
90
100
VS = 5V, 0V
TA = 25°C
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
CAPACITIVE LOAD (pF)
10
0
10
20
40
100
1000
1809 G32
30
5
15
35
25
VS = 5V, 0V
AV = +1
RS = 10Ω,
RL =
∞
RS = 20Ω, RL =
∞
RL = RS = 50Ω
Series Output Resistor
vs Capacitive Load
CAPACITIVE LOAD (pF)
10
0
10
20
30
40
100
1000
1809 G33
50
5
15
25
35
45
VS = 5V, 0V
AV = +2
RS = 10Ω
RL =
∞
RS = 20Ω
RL =
∞
RL = RS = 50Ω
0.01% Settling Time
Distortion vs Frequency
FREQUENCY (MHz)
0.3
–70
–60
–50
–40
110
30
1809 G35
–80
–90
–100
–110
AV = +1
VO = 2VP-P
VS = ±5V
RL = 100Ω, 2ND
RL = 1k, 3RD
RL = 1k, 2ND
RL = 100Ω, 3RD
INPUT SIGNAL
GENERATION
(2V/DIV)
OUTPUT
SETTLING
RESOLUTION
(2mV/DIV)
VS = ±5V
20ns/DIV
1809 G34
VOUT = ±4V
AV = – 1
RL = 500Ω
tS = 110ns (SETTLING TIME)
Distortion vs Frequency
FREQUENCY (MHz)
0.3
–70
–60
–50
–40
110
30
1809 G36
–80
–90
–100
–110
AV = +1
VO = 2VP-P
VS = 5V
RL = 100Ω, 2ND
RL = 1k, 3RD
RL = 1k, 2ND
RL = 100Ω, 3RD
Distortion vs Frequency
FREQUENCY (MHz)
0.3
–70
–60
–50
–40
110
30
1809 G37
–80
–90
–100
–110
AV = +2
VO = 2VP-P
VS = ±5V
RL = 100Ω, 2ND
RL = 100Ω, 3RD
RL = 1k, 3RD
RL = 1k, 2ND
Output Impedance vs Frequency
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
100k
1M
10M
100M
500M
0.01
1
600
1809 G28
0.1
10
100
VS = 5V, 0V
AV = 10
AV = 1
AV = 2
FREQUENCY (Hz)
10k
50
60
70
80
90
100k
1M
10M
100M 500M
1809 G30
40
30
20
10
100
110
VS = 5V, 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com