Electronic Components Datasheet Search
  English  ▼

X  

LT1812CS5 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1812CS5
Description  3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1812CS5 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1812CS5 Datasheet HTML 8Page - Linear Technology LT1812CS5 Datasheet HTML 9Page - Linear Technology LT1812CS5 Datasheet HTML 10Page - Linear Technology LT1812CS5 Datasheet HTML 11Page - Linear Technology LT1812CS5 Datasheet HTML 12Page - Linear Technology LT1812CS5 Datasheet HTML 13Page - Linear Technology LT1812CS5 Datasheet HTML 14Page - Linear Technology LT1812CS5 Datasheet HTML 15Page - Linear Technology LT1812CS5 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1812
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1360/LT1361/LT1362
Single/Dual/Quad 50MHz, 800V/
µs, C-LoadTM Amplifiers
4mA Supply Current, 1mV Max VOS, 1µA Max IB
LT1363/LT1364/LT1365
Single/Dual/Quad 70MHz, 1000V/
µs C-Load Amplifiers
50mA Output Current, 1.5mV Max VOS, 2µA Max IB
LT1395/LT1396/LT1397
Single/Dual/Quad 400MHz Current Feedback Amplifiers
4.6mA Supply Current, 800V/
µs, 80mA Output Current
LT1806
325MHz, 140V/
µs Rail-to-Rail I/O Op Amp
Low Noise 3.5nV/
√Hz
LT1809
180MHz, 350V/
µs Rail-to-Rail I/O Op Amp
Low Distortion –90dBc at 5MHz
LT1813
Dual 3mA, 100MHz, 750V/
µs Operational Amplifier
Dual Version of the LT1812
C-Load is a trademark of Linear Technology Corporation.
1812fa LT/TP 1000 REV A 2K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1999
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATIO
470pF
–
+
VIN
2VP-P
2.5VDC
68
Ω
LT1812
LTC1420
12 BITS
10MS/s
1812 TA03
Single 5V Supply 10MS/s 12-Bit ADC Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com