Electronic Components Datasheet Search
  English  ▼

X  

LT1812CS6 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1812CS6
Description  3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1812CS6 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1812CS6 Datasheet HTML 2Page - Linear Technology LT1812CS6 Datasheet HTML 3Page - Linear Technology LT1812CS6 Datasheet HTML 4Page - Linear Technology LT1812CS6 Datasheet HTML 5Page - Linear Technology LT1812CS6 Datasheet HTML 6Page - Linear Technology LT1812CS6 Datasheet HTML 7Page - Linear Technology LT1812CS6 Datasheet HTML 8Page - Linear Technology LT1812CS6 Datasheet HTML 9Page - Linear Technology LT1812CS6 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1812
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life of
the device may be impaired.
Note 2: Differential inputs of
±3V are appropriate for transient operation only,
such as during slewing. Large sustained differential inputs can cause
excessive power dissipation and may damage the part.
Note 3: A heat sink may be required to keep the junction temperature below
absolute maximum when the output is shorted indefinitely.
Note 4: Input offset voltage is pulse tested and is exclusive of warm-up drift.
Note 5: Slew rate is measured between
±2V on the output with ±3V input for
±5V supplies and 2VP-P on the output with a 3VP-P input for single 5V
supplies.
Note 6: Full power bandwidth is calculated from the slew rate:
FPBW = SR/2
πVP.
Note 7: This parameter is not 100% tested.
Note 8: The LT1812C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1812C is designed, characterized and expected to meet
specified performance from – 40
°C to 85°C but is not tested or QA sampled
at these temperatures. The LT1812I is guaranteed to meet specified
performance from –40
°C to 85°C.
Note 9: Thermal resistance varies with the amount of PC board metal
connected to the package. The nominal values are for short traces
connected to the pins. The thermal resistance can be substantially reduced
by connecting Pin 2 of the 5-lead or 6-lead SOT-23 or Pin 4 of the SO-8 to a
large metal area.
Note 10: For the 8-lead SO and 6-lead SOT-23 parts, the electrical
characteristics apply to the “ON” state, unless otherwise noted. These parts
are in the “ON” state when either SHDN is not connected,
or SHDN > V– + 2.0V.
Note 11: The shutdown (SHDN) feature is not available on the 5-lead
SOT-23 parts. These parts are always in the “ON” state.
–40
°C ≤ TA ≤ 85°C, VS = 5V, VCM = 2.5V, RL to 2.5V unless otherwise noted (Notes 8, 10).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
3.5
mV
∆VOS/∆T
Input Offset Voltage Drift
(Note 7)
10
30
µV/°C
IOS
Input Offset Current
600
nA
IB
Input Bias Current
±6
µA
VCM
Input Voltage Range (Positive)
3.5
V
Input Voltage Range (Negative)
1.5
V
CMRR
Common Mode Rejection Ratio
VCM = 1.5V to 3.5V
70
dB
AVOL
Large-Signal Voltage Gain
VOUT = 1.5V to 3.5V, RL = 500Ω
0.6
V/mV
VOUT = 2.0V to 3.0V, RL = 100Ω
0.4
V/mV
VOUT
Maximum Output Swing (Positive)
RL = 500Ω, 30mV Overdrive
3.7
V
RL = 100Ω, 30mV Overdrive
3.5
V
Maximum Output Swing (Negative)
RL = 500Ω, 30mV Overdrive
1.3
V
RL = 100Ω, 30mV Overdrive
1.5
V
IOUT
Maximum Output Current
VOUT = 3.5V or 1.5V, 30mV Overdrive
±17
mA
ISC
Output Short-Circuit Current
VOUT = 2.5V, 1V Overdrive (Note 3)
±40
mA
SR
Slew Rate
AV = – 1 (Note 5)
125
V/
µs
GBW
Gain Bandwidth Product
f = 200kHz
50
MHz
ISHDN
SHDN Pin Current
SHDN > V – + 2.0V (On) (Note 11)
±2
µA
SHDN < V – + 0.4V (Off) (Note 11)
– 100
µA
IS
Supply Current
SHDN > V – + 2.0V (On) (Note 11)
5
mA
SHDN < V – + 0.4V (Off) (Note 11)
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com