Electronic Components Datasheet Search
  English  ▼

X  

LT1813CDD Datasheet(PDF) 3 Page - Linear Technology

Part # LT1813CDD
Description  Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813CDD Datasheet(HTML) 3 Page - Linear Technology

  LT1813CDD Datasheet HTML 1Page - Linear Technology LT1813CDD Datasheet HTML 2Page - Linear Technology LT1813CDD Datasheet HTML 3Page - Linear Technology LT1813CDD Datasheet HTML 4Page - Linear Technology LT1813CDD Datasheet HTML 5Page - Linear Technology LT1813CDD Datasheet HTML 6Page - Linear Technology LT1813CDD Datasheet HTML 7Page - Linear Technology LT1813CDD Datasheet HTML 8Page - Linear Technology LT1813CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1813/LT1814
18134fa
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, VCM = 0V, unless otherwise noted. (Note 8)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 4)
0.5
1.5
mV
TA = 0°C to 70°C
●
2mV
TA = – 40°C to 85°C
●
3mV
∆VOS
Input Offset Voltage Drift (Note 7)
TA = 0°C to 70°C
●
10
15
µV/°C
∆T
TA = – 40°C to 85°C
●
10
30
µV/°C
IOS
Input Offset Current
50
400
nA
TA = 0°C to 70°C
●
500
nA
TA = – 40°C to 85°C
●
600
nA
IB
Input Bias Current
– 0.9
±4
µA
TA = 0°C to 70°C
●
±5
µA
TA = – 40°C to 85°C
●
±6
µA
en
Input Noise Voltage Density
f = 10kHz
8
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
1
pA/
√Hz
RIN
Input Resistance
VCM = 3.5V
3
10
M
Ω
Differential
1.5
M
Ω
CIN
Input Capacitance
2pF
VCM
Input Voltage Range
Guaranteed by CMRR
±3.5
±4.2
V
TA = –40°C to 85°C
● ±3.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±3.5V
75
85
dB
TA = 0°C to 70°C
●
73
dB
TA = – 40°C to 85°C
●
72
dB
Minimum Supply Voltage
Guaranteed by PSRR
±1.25
±2V
TA = –40°C to 85°C
●
±2V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±5.5V
78
97
dB
TA = 0°C to 70°C
●
76
dB
TA = – 40°C to 85°C
●
75
dB
VS = ±2V to ±6.5V (LT1813HV)
75
97
dB
TA = 0°C to 70°C
●
73
dB
TA = – 40°C to 85°C
●
72
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±3V, RL = 500Ω
1.5
3
V/mV
TA = 0°C to 70°C
●
1.0
V/mV
TA = – 40°C to 85°C
●
0.8
V/mV
VOUT = ±3V, RL = 100Ω
1.0
2.5
V/mV
TA = 0°C to 70°C
●
0.7
V/mV
TA = – 40°C to 85°C
●
0.6
V/mV
VOUT
Maximum Output Swing
RL = 500Ω, 30mV Overdrive
±3.8
±4V
(Positive/Negative)
TA = 0°C to 70°C
● ±3.7
V
TA = – 40°C to 85°C
● ±3.6
V
RL = 100Ω, 30mV Overdrive
±3.35
±3.5
V
TA = 0°C to 70°C
● ±3.25
V
TA = – 40°C to 85°C
● ±3.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com