Electronic Components Datasheet Search
  English  ▼

X  

LT1813CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1813CS8
Description  Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1813CS8 Datasheet HTML 5Page - Linear Technology LT1813CS8 Datasheet HTML 6Page - Linear Technology LT1813CS8 Datasheet HTML 7Page - Linear Technology LT1813CS8 Datasheet HTML 8Page - Linear Technology LT1813CS8 Datasheet HTML 9Page - Linear Technology LT1813CS8 Datasheet HTML 10Page - Linear Technology LT1813CS8 Datasheet HTML 11Page - Linear Technology LT1813CS8 Datasheet HTML 12Page - Linear Technology LT1813CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1813/LT1814
18134fa
TYPICAL PERFOR A CE CHARACTERISTICS
SUPPLY VOLTAGE (
±V)
0
3
1813/14 G19
70
45
40
35
12
4
110
90
567
TA = 25°C
GBW
RL = 500Ω
GBW
RL = 100Ω
PHASE MARGIN
RL = 100Ω
PHASE MARGIN
RL = 500Ω
FREQUENCY (Hz)
1k
10k
100k
40
60
80
1M
10M
100M
1813/14 G20
20
0
100
–PSRR
+PSRR
TA = 25°C
AV = 1
VS = ±5V
FREQUENCY (Hz)
1k
10k
100k
40
60
80
1M
10M
100M
1813/14 G21
20
0
100
TA = 25°C
VS = ±5V
Gain Bandwidth and Phase
Margin vs Supply Voltage
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
Slew Rate vs Supply Voltage
Slew Rate vs Supply Voltage
Slew Rate vs Input Level
SUPPLY VOLTAGE (
±V)
0
0
100
300
400
500
1000
700
2
4
5
1813/14 G22
200
800
900
600
1
3
6
7
TA =25°C
AV = –1
VIN = VS(TOTAL)/2
RF = RG = RL = 500Ω
SR+
SR–
SUPPLY VOLTAGE (
±V)
0
200
300
450
2
4
5
1813/14 G23
250
400
350
1
3
6
7
TA =25°C
AV = –1
VIN = ±1V
RF = RG = RL = 500Ω
SR–
SR+
INPUT LEVEL (VP-P)
0
200
600
1200
2
4
5
1813/14 G24
400
1000
800
1
3
6
78
TA =25°C
AV = –1
VS = ±5V
RF = RG = RL = 500Ω
SR–
SR+
Slew Rate vs Temperature
Undistorted Output Swing
vs Frequency
Total Harmonic Distortion + Noise
vs Frequency
TEMPERATURE (
°C)
–50
200
300
500
600
700
50
1100
1813/14 G25
400
0
125
100
25
–25
75
800
900
1000
SR+
VS = ± 5V
SR+ VS = ±2.5V
SR– VS = ±2.5V
SR–
VS = ± 5V
FREQUENCY (Hz)
10
100
0.001
0.002
0.005
0.01
1k
10k
100k
1813/14 G26
AV = –1
AV = 1
TA = 25°C
VS = ± 5V
VO = 2VP-P
RL = 500Ω
FREQUENCY (Hz)
100k
5
6
7
8
9
1M
10M
100M
1813/14 G27
4
3
1
0
2
AV = – 1
AV = 1
VS = ± 5V
RL = 100Ω
2% MAX DISTORTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com