Electronic Components Datasheet Search
  English  ▼

X  

TC1029 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC1029
Description  LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1029 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC1029 Datasheet HTML 1Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3-317
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PRELIMINARY INFORMATION
GENERAL DESCRIPTION
The TC1029 is a dual, low power operational amplifier
designed for low power applications.
It is designed specifically for operation from a single
supply, however, operation from dual supplies is also pos-
sible, and the power supply current drain is independent of
the magnitude of the power supply voltage. Supply current
is 8
µA maximum and the TC1029 operates down to VDD =
1.8 V.
Packaged in an 8-pin MSOP, SOIC, or DIP, the TC1029
is ideal for battery operated applications.
LINEAR BUILDING BLOCK – DUAL LOW POWER OP AMP
TC1029
FEATURES
s
Optimized for Single Supply Operation
s
Small Package ...................................... 8-Pin MSOP
(Occupies Half the Space of an 8-Pin SOIC)
s
Ultra Low Input Bias Current ...... Less than 100pA
s
Low Quiescent Current ........................... 10
µA Max
s
Operates Down to VDD = 1.8 V
APPLICATIONS
s
Power Supply Circuits
s
Embedded Systems
s
Instrumentation
s
Portable Equipment
s
Consumer Products
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC1029COA
8-Pin SOIC
0
°C to +70°C
TC1029CPA
8-Pin Plastic DIP
0
°C to +70°C
TC1029CUA
8-Pin MSOP
0
°C to +70°C
TC1029EOA
8-Pin SOIC
– 40
°C to +85°C
TC1029EPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC1029EUA
8-Pin MSOP
– 40
°C to +85°C
TC43EV
Evaluation Kit for Linear
Building Block Family
TC1029-01 10/2/96
TC1029COA
TC1029EOA
VSS
VDD
IN1+
IN1–
VSS
IN1+
IN1–
VSS
IN1+
IN1–
IN2+
IN2–
TC1029CPA
TC1029EPA
OUTA
OUTA
OUTA
OUT2
VDD
IN2+
IN2–
OUT2
VDD
IN2+
IN2–
OUT2
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
8-Pin Plastic DIP
8-Pin SOIC
8-Pin MSOP
1
2
3
4
8
7
6
5
TC1029CUA
TC1029EUA
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
VSS
IN1+
IN1–
OUTA
VDD
IN2+
IN2–
OUT2
+–
+
–
TC1029
B
A
EVALUATION
KIT
AVAILABLE


Similar Part No. - TC1029

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1029 MICROCHIP-TC1029 Datasheet
486Kb / 14P
Linear Building Block - Dual Low Power Op Amp
2002
TC1029EOA MICROCHIP-TC1029EOA Datasheet
486Kb / 14P
Linear Building Block - Dual Low Power Op Amp
2002
TC1029EPA MICROCHIP-TC1029EPA Datasheet
486Kb / 14P
Linear Building Block - Dual Low Power Op Amp
2002
TC1029EUA MICROCHIP-TC1029EUA Datasheet
486Kb / 14P
Linear Building Block - Dual Low Power Op Amp
2002
More results

Similar Description - TC1029

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1025 TELCOM-TC1025 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1030 TELCOM-TC1030 Datasheet
27Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
TC43 TELCOM-TC43 Datasheet
75Kb / 6P
LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
logo
Microchip Technology
TC1030 MICROCHIP-TC1030 Datasheet
469Kb / 14P
Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
2002
TC1043 MICROCHIP-TC1043 Datasheet
508Kb / 20P
Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
logo
AUK corp
S358P AUK-S358P Datasheet
217Kb / 3P
Low Power Dual OP AMP
logo
Microchip Technology
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1029 MICROCHIP-TC1029 Datasheet
486Kb / 14P
Linear Building Block - Dual Low Power Op Amp
2002
TC1025 MICROCHIP-TC1025 Datasheet
285Kb / 16P
Linear Building Block - Dual Low Power Comparator
2005
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com