Electronic Components Datasheet Search
  English  ▼

X  

BAT74 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAT74
Description  Schottky Barrier Double Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT74 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT74 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAT74 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
Schottky Barrier Double Diode
BAT74
Features
Low forward voltage
Guard ring protected
Small SMD package.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Test Condition
Min
Max
Unit
30
V
series connection
60
V
single diode loaded
200
mA
double diode loaded
110
(1)
mA
single diode loaded ( tp
1s;ä
0.5)
300
mA
double diode loaded ( tp
1s;ä
0.5)
200
mA
non-repetitive peak forward current
IFSM
tp < 10 ms
600
mA
total power dissipation
Ptot
Tamb = 25
230
mW
storage temperature
Tstg
-65
+150
junction temperature
Tj
125
operating ambient temperature
Tamb
-65
+125
thermal resistance from junction to ambient
Rth j-a
500
K/W
Note
1.If both diodes are in forward operation at the same moment, total device current is max. 110 mA.
If one diode is in reverse and the other in forward operation at the same moment, total device current is max. 200 mA.
repetitive peak forward current
IFRM
continuous reverse voltage
VR
continuous forward current
IF


Similar Part No. - BAT74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT74 PHILIPS-BAT74 Datasheet
30Kb / 7P
Schottky barrier double diode
1996 Mar 19
logo
STMicroelectronics
BAT74 STMICROELECTRONICS-BAT74 Datasheet
54Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
NXP Semiconductors
BAT74 PHILIPS-BAT74 Datasheet
119Kb / 10P
Schottky barrier double diode
Rev. 03-19 April 2010
logo
Nexperia B.V. All right...
BAT74 NEXPERIA-BAT74 Datasheet
2Mb / 10P
Schottky barrier double diode
Rev. 03 - 19 April 2010
logo
NXP Semiconductors
BAT74.215 NXP-BAT74.215 Datasheet
107Kb / 11P
Schottky barrier double diode
Rev. 03-19 April 2010
More results

Similar Description - BAT74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70-07S PHILIPS-BAS70-07S Datasheet
52Kb / 8P
Schottky barrier double diode
1998 Jul 10
BAT54CM PHILIPS-BAT54CM Datasheet
50Kb / 7P
Schottky barrier double diode
2003 Nov 11
BAT74S PHILIPS-BAT74S_03 Datasheet
57Kb / 8P
Schottky barrier double diode
2003 Apr 11
BAT74V PHILIPS-BAT74V Datasheet
51Kb / 8P
Schottky barrier double diode
2002 Sep 02
BAT54CM NXP-BAT54CM Datasheet
195Kb / 7P
Schottky barrier double diode
2003 Nov 11
PMBD354 NXP-PMBD354 Datasheet
102Kb / 7P
Schottky barrier double diode
2003 Mar 25
BAT74235 PHILIPS-BAT74235 Datasheet
119Kb / 10P
Schottky barrier double diode
Rev. 03-19 April 2010
BAT74V PHILIPS-BAT74V_15 Datasheet
198Kb / 7P
Schottky barrier double diode
2002 Sep 02
PMBD354 PHILIPS-PMBD354_15 Datasheet
102Kb / 7P
Schottky barrier double diode
2003 Mar 25
logo
Nexperia B.V. All right...
BAT160C NEXPERIA-BAT160C Datasheet
196Kb / 8P
Schottky barrier double diode
22 September 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com