Electronic Components Datasheet Search
  English  ▼

X  

L41 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # L41
Description  Schottky Barrier Double Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

L41 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  L41 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd L41 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
BAT74
Electrical Characteristics T a = 25
Param eter
Sym bol
Test Condition
Max
Unit
IF = 0.1 m A
240
IF = 1 m A;note 1
320
IF = 10 m A
400
IF = 30 m A
500
IF = 100 m A
800
reverse current
IR
VR = 25 V;note 2
2
A
when switched from IF =10 m A to,IR =10 m A;
RL = 100
; m easured at IR =1 m A
diode capacitance
Cd
f= 1 MHz;VR = 1 V;
10
pF
Notes
1. Tem perature coefficient of forward voltage -0.6% /K.
2. Pulsed test: tp = 300
s; ä = 0.02.
mV
forward voltage
VF
ns
reverse recovery tim e
trr
5
Marking
Marking
L41



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com