Electronic Components Datasheet Search
  English  ▼

X  

BST39 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BST39
Description  NPN High-Voltage Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BST39 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BST39 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BST39 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
NPN High-Voltage Transistors
BST39; BST40
Features
Low current (max. 50 mA)
High voltage (max. 300 V).
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
collector-base voltage
BST39
400
V
(open emitte)
BST40
300
V
collector-emitter voltage
BST39
350
V
(open-base )
BST40
250
V
emitter-base voltage (open collector)
VEBO
5V
collector current (DC)
IC
100
mA
peak collector current
ICM
200
mA
peak base current
IBM
100
mA
total power dissipation Tamb
25
*
Ptot
1.3
W
storage temperature
Tstg
-65 to150
junction temperature
Tj
150
operating ambient temperature
Tamb
-65 to150
thermal resistance from junction to ambient *
Rth j-a
96
K/W
thermal resistance from junction to soldering point
Rth j-s
16
K/W
* Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for
collector 6 cm
2.
VCBO
VCEO


Similar Part No. - BST39

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
NPN high-voltage transistors
1999 Apr 26
logo
Zetex Semiconductors
BST39 ZETEX-BST39 Datasheet
12Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
NXP Semiconductors
BST39 NXP-BST39 Datasheet
102Kb / 6P
NPN high-voltage transistors
2004 Dec 14
logo
Shenzhen Jin Yu Semicon...
BST39 HTSEMI-BST39 Datasheet
346Kb / 1P
TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
BST39 JIANGSU-BST39 Datasheet
1Mb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
More results

Similar Description - BST39

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
NPN high-voltage transistors
1999 Apr 29
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
HIGH VOLTAGE NPN TRANSISTORS
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
NPN high-voltage transistors
1999 Apr 21
BSR19 NXP-BSR19 Datasheet
137Kb / 8P
NPN high voltage transistors
2004 Mar 15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com