Electronic Components Datasheet Search
  English  ▼

X  

LT1881 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1881
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1881 Datasheet(HTML) 1 Page - Linear Technology

  LT1881 Datasheet HTML 1Page - Linear Technology LT1881 Datasheet HTML 2Page - Linear Technology LT1881 Datasheet HTML 3Page - Linear Technology LT1881 Datasheet HTML 4Page - Linear Technology LT1881 Datasheet HTML 5Page - Linear Technology LT1881 Datasheet HTML 6Page - Linear Technology LT1881 Datasheet HTML 7Page - Linear Technology LT1881 Datasheet HTML 8Page - Linear Technology LT1881 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1881/LT1882
1
18812fa
The LT
®1881 and LT1882 op amps bring high accuracy
input performance to amplifiers with rail-to-rail output
swing. Input bias currents and capacitive load driving
capabilities are superior to the similar LT1884 and LT1885
amplifiers, at the cost of a slight loss in speed. Input
offset voltage is trimmed to less than 50
μV and the low
drift maintains this accuracy over the operating tempera-
ture range. Input bias currents are an ultralow 200pA
maximum.
The amplifiers work on any total power supply voltage
between 2.7V and 36V (fully specified from 5V to
±15V).
Output voltage swings to within 40mV of the negative
supply and 220mV of the positive supply make these
amplifiers good choices for low voltage single supply
operation.
Capacitive loads up to 1000pF can be driven directly in
unity-gain follower applications.
The dual LT1881 and LT1881A are available with standard
pinouts in S8 and PDIP packages. The quad LT1882 is in
a 14-pin SO package. For a higher speed device with
similar DC specifications, see the LT1884/LT1885.
■ Thermocouple Amplifiers
■ Bridge Transducer Conditioners
■ Instrumentation Amplifiers
■ Battery-Powered Systems
■ Photo Current Amplifiers
■ Offset Voltage: 50
μV Maximum (LT1881A)
■ Input Bias Current: 200pA Maximum (LT1881A)
■ Offset Voltage Drift: 0.8
μV/°C Maximum
■ Rail-to-Rail Output Swing
■ Supply Range: 2.7V to 36V
■ Operates with Single or Split Supplies
■ Open-Loop Voltage Gain: 1 Million Minimum
■ 1mA Maximum Supply Current Per Amplifier
■ Stable at AV = 1, CL = 1000pF
■ Standard Pinouts
Dual and Quad
Rail-to-Rail Output,
Picoamp Input Precision Op Amps
–5V
5V
33pF
VOUT
– 4.096V
TO 4.096V
LTC
®1597
DAC
–
+
LT1881
+
–
LT1881
1881/2 TA01
–5V
RCOM
ROFS
REF
R1
5V
1.65k
LT1634
4.096V
5V
16-Bit Voltage Output DAC on
±5V Supply
INPUT OFFSET VOLTAGE DRIFT (
μV/°C)
1
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–0.9
–0.7
–0.5
–0.3
–0.1
0.1
0.3
0.5
0.7
0.9 1
1881/2 TA01a
26
24
22
20
18
16
14
12
10
8
6
4
2
0
VS = ±15V
40 N8 (1 LOT)
144 S8 (2 LOTS)
184 TOTAL PARTS
TC VOS Distribution, Industrial Grade
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1881

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
308Kb / 18P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881ACN8 LINER-LT1881ACN8 Datasheet
183Kb / 12P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881ACS8 LINER-LT1881ACS8 Datasheet
183Kb / 12P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881AIN8 LINER-LT1881AIN8 Datasheet
183Kb / 12P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results

Similar Description - LT1881

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_15 Datasheet
308Kb / 18P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com