Electronic Components Datasheet Search
  English  ▼

X  

LT1881CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1881CS8
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1881CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1881CS8 Datasheet HTML 1Page - Linear Technology LT1881CS8 Datasheet HTML 2Page - Linear Technology LT1881CS8 Datasheet HTML 3Page - Linear Technology LT1881CS8 Datasheet HTML 4Page - Linear Technology LT1881CS8 Datasheet HTML 5Page - Linear Technology LT1881CS8 Datasheet HTML 6Page - Linear Technology LT1881CS8 Datasheet HTML 7Page - Linear Technology LT1881CS8 Datasheet HTML 8Page - Linear Technology LT1881CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1881/LT1882
5
18812fa
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25
°C.
Split supply operation VS = ±15V, VCM = 0V unless otherwise noted. (Note 5)
IB
Input Bias Current (LT1881A)
150
200
pA
0
°C < TA < 70°C
●
250
pA
–40
°C < TA < 85°C
●
300
pA
Input Bias Current (LT1881/LT1882)
150
500
pA
0
°C < TA < 70°C
●
600
pA
–40
°C < TA < 85°C
●
700
pA
Input Noise Voltage
0.1Hz to 10Hz
0.5
μVP-P
en
Input Noise Voltage Density
f = 1kHz
14
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.03
pA/
√Hz
RIN
Input Resistance
Differential Mode
●
20
M
Ω
Common Mode
●
100
G
Ω
CIN
Input Capacitance
●
2pF
VCM
Input Voltage Range
V– + 1.0
V+ – 1.0
V
●
V– + 1.2
V+ – 1.2
V
CMRR
Common Mode Rejection Ratio
–13.5V < VCM < 13.5V
●
114
130
dB
+PSRR
Positive Power Supply Rejection Ratio
V– = –15V, VCM = 0V; 1.5V < V+ < 18V
●
110
132
dB
–PSRR
Negative Power Supply Rejection Ratio
V+ = 15V, VCM = 0V; –1.5V < V– < –18V
●
106
132
dB
Minimum Operating Supply Voltage
●
±1.2
±1.35
V
AVOL
Large-Signal Voltage Gain
RL = 10k; –13.5V < VOUT < 13.5V
1000
1600
V/mV
●
700
V/mV
RL = 2k; –13.5V < VOUT < 13.5V
175
420
V/mV
●
125
V/mV
RL = 1k; –12V < VOUT < 12V
90
230
V/mV
●
65
V/mV
VOL
Output Voltage Swing Low
No Load
●
20
40
mV
(Referred to VEE)ISINK = 100μA
●
25
50
mV
ISINK = 1mA
●
70
150
mV
ISINK = 5mA
●
270
600
mV
VOH
Output Voltage Swing High
No Load
●
160
220
mV
(Referred to VCC)ISOURCE = 100μA
●
160
230
mV
ISOURCE = 1mA
●
180
300
mV
ISOURCE = 5mA
●
360
600
mV
IS
Supply Current Per Amplifier
VS = ±15V
0.5
0.85
1.1
mA
●
1.6
mA
ISC
Short-Circuit Current
VOUT Short to V–
20
40
mA
●
15
40
mA
VOUT Short to V+
20
30
mA
●
15
30
mA
GBW
Gain Bandwidth Product
f = 20kHz
0.4
0.85
MHz
Channel Separation
f = 1kHz
120
dB
tS
Settling Time
0.01%, VOUT = – 5V to 5V,
35
μs
AV = –1, RL = 2k
SR +
Slew Rate Positive
AV = – 1
0.21
0.4
V/
μs
●
0.18
V/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com