Electronic Components Datasheet Search
  English  ▼

X  

LT1882IS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1882IS
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1882IS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1882IS Datasheet HTML 7Page - Linear Technology LT1882IS Datasheet HTML 8Page - Linear Technology LT1882IS Datasheet HTML 9Page - Linear Technology LT1882IS Datasheet HTML 10Page - Linear Technology LT1882IS Datasheet HTML 11Page - Linear Technology LT1882IS Datasheet HTML 12Page - Linear Technology LT1882IS Datasheet HTML 13Page - Linear Technology LT1882IS Datasheet HTML 14Page - Linear Technology LT1882IS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1881/LT1882
11
18812fa
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1M
120
100
80
60
40
20
0
1881/2 G36
1s/DIV
0
5
10
15
20
25
30
1881/2 G37
FREQUENCY (Hz)
1
50
45
40
35
30
25
20
15
10
5
0
100
10
1k
1881/2 G38
VS = ±5V
AV = 1
FREQUENCY (Hz)
1
180
160
140
120
100
80
60
40
20
0
100
10
1000
1881/2 G39
VS = ±15V
RS (Ω)
1
10
100
1k
10k
100k
1M
1000
100
10
1
1881/2 G36
CAPACITIVE LOAD (pF)
10
30
25
20
15
10
5
0
1k
100
10k
1881/2 G41
VS = ±15V
RL = 10k
AV = 1
AV = –1
CAPACITIVE LOAD (pF)
0
2000
4000
6000
8000
10000
120
100
80
60
40
20
0
1881/2 G42
AV = 1
TA = 25°C
VS = ±2.5V
VS = ±15V
FREQUENCY (kHz)
1
35
30
25
20
15
10
5
0
100
10
1881/2 G43
AV = –1
TA = 25°C
VS = ±15V
AV = –1
TA = 25°C
VS = ±2.5V
FREQUENCY (Hz)
10
10
1
0.1
0.01
0.001
0.0001
1k
100
10k
100k
1881/2 G44
VS = ±15V
VIN = 2VP-P
AV = –1
AV = 1
Common Mode Rejection Ratio vs
Frequency
LT1881 0.1Hz to 10Hz Noise
LT1881 Noise Voltage vs
Frequency
LT1881 Noise Current Density vs
Frequency
LT1881A Total Noise vs Source
Resistance
LT1881 Overshoot vs Capacitive
Load
LT1881 Series Output Resistance
vs Capacitive Load
LT1881 Undistorted Output Swing
vs Frequency
LT1881 THD + Noise vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com