Electronic Components Datasheet Search
  English  ▼

X  

TC1044S Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC1044S
Description  CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1044S Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC1044S Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1044S Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1044S Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1044S Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1044S Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1044S Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1044S Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1044S Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-44
TELCOM SEMICONDUCTOR, INC.
Package Power Dissipation (TA ≤ 70°C) (Note 2)
8-Pin CerDIP .................................................. 800mW
8-Pin Plastic DIP ............................................. 730mW
8-Pin SOIC ..................................................... 470mW
Operating Temperature Range
C Suffix .................................................. 0
°C to +70°C
I Suffix ............................................... – 25
°C to +85°C
E Suffix ............................................. – 40
°C to +85°C
M Suffix ........................................... – 55
°C to +125°C
Storage Temperature Range ................ – 65
°C to +150°C
ELECTRICAL CHARACTERISTICS: TA = +25°C, V+ = 5V, COSC = 0, Test Circuit (Figure 1), unless otherwise
indicated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
I+
Supply Current
RL =
∞
—
80
160
µA
0
°C < TA < +70°C
—
—
180
– 40
°C < TA < +85°C
—
—
180
– 55
°C < TA < +125°C
—
—
200
I+
Supply Current
0
°C < TA < +70°C
—
—
300
µA
(Boost Pin = V+)– 40
°C < TA < +85°C
—
—
350
– 55
°C < TA < +125°C
—
—
400
V
+
H2
Supply Voltage Range, High
Min
≤ TA ≤ Max,
3
—
12
V
RL = 10 kΩ, LV Open
V
+
L2
Supply Voltage Range, Low
Min
≤ TA ≤ Max,
1.5
—
3.5
V
RL = 10 kΩ, LV to GND
ROUT
Output Source Resistance
IOUT = 20mA
—
60
100
Ω
IOUT = 20mA, 0°C ≤ TA ≤ +70°C
—
70
120
IOUT = 20mA, –40°C ≤ TA ≤ +85°C
—
70
120
IOUT = 20mA, –55°C ≤ TA ≤ +125°C
—
105
150
V+ = 2V, IOUT = 3 mA, LV to GND
0
°C ≤ TA ≤ +70°C
—
—
250
Ω
– 55
°C ≤ TA ≤ +125°C
—
—
400
FOSC
Oscillator Frequency
Pin 7 open; Pin 1 open or GND
—
10
—
kHz
Boost Pin = V+
—45—
PEFF
Power Efficiency
RL = 5 kΩ; Boost Pin Open
96
98
—
%
TMIN < TA < TMAX; Boost Pin Open
95
97
—
Boost Pin = V+
—88—
VOUT EFF
Voltage Conversion Efficiency
RL =
∞
99
99.9
—
%
ZOSC
Oscillator Impedance
V+ = 2V
—
1
—
M
Ω
V+ = 5V
—
100
—
k
Ω
NOTES: 1. Connecting any input terminal to voltages greater than V+ or less than GND may cause destructive latch-up. It is recommended that no
inputs from sources operating from external supplies be applied prior to "power up" of the TC1044S.
2. Derate linearly above 50
°C by 5.5mW/°C.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ......................................................... +13V
LV, Boost and OSC Inputs
Voltage (Note 1) ......................... – 0.3V to (V++ 0.3V)
for V+ < 5.5V
(V+ – 5.5V) to (V++ 0.3V)
for V+ > 5.5V
Current Into LV (Note 1) ...................... 20
µA for V+ > 3.5V
Output Short Duration (VSUPPLY ≤ 5.5V) ......... Continuous
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*Static-sensitive device. Unused devices must be stored in conductive material. Protect devices from static discharge and static fields. Stresses above those
listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TC1044S
CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com