Electronic Components Datasheet Search
  English  ▼

X  

TC1044SCOA Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TC1044SCOA
Description  CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1044SCOA Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

  TC1044SCOA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1044SCOA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1044SCOA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1044SCOA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1044SCOA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1044SCOA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1044SCOA Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1044SCOA Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-49
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Figure 10. Positive Voltage Conversion
1
2
3
4
8
7
6
5
+
VOUT = –V
–
10µF
+
1 M
Ω
V– INPUT
C1
10µF
TC1044S
Figure 11. Splitting a Supply in Half
+
+
RL1
RL2
VOUT =
V + –V –
2
50
µF
100
k
Ω
100
k
Ω
50
µF
V +
V –
50 µF
+
1 M
Ω
1
2
8
7
TC1044S
3
4
6
5
TYPICAL CHARACTERISTICS
Unloaded Osc Freq vs. Temperature
12
10
0
2
4
6
8
-40
-20
0
20
40
100
60
80
TEMPERATURE (
°C)
VIN = 12V
VIN = 5V
Unloaded Osc Freq vs. Temperature
with Boost Pin = VIN
60
50
0
10
20
30
40
-40
-20
0
20
40
100
60
80
TEMPERATURE (
°C)
VIN = 12V
VIN = 5V
Supply Current vs. Temperature
(with Boost Pin = VIN)
1000
0
200
400
600
800
-40
-20
0
20
40
100
60
80
TEMPERATURE (
°C)
VIN = 12V
Without Load
10K Load
Voltage Conversion
101.0
100.5
100.0
99.5
99.0
98.5
98.0
112
11
10
9
8
7
56
4
23
INPUT VOLTAGE VIN (V)
TA = 25°C
VIN = 5V
TC1044S
CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com