Electronic Components Datasheet Search
  English  ▼

X  

TC1072 Datasheet(PDF) 10 Page - TelCom Semiconductor, Inc

Part # TC1072
Description  50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1072 Datasheet(HTML) 10 Page - TelCom Semiconductor, Inc

Back Button TC1072 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC1072 Datasheet HTML 12Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TC1073
4
100mA CMOS LDO WITH SHUTDOWN,
ERROR OUTPUT AND VREF BYPASS
PRELIMINARY INFORMATION
TC1073-01 6/5/97
DETAILED DESCRIPTION
The TC1073 is a precision fixed output voltage regula-
tor. (If an adjustable version is desired, please see the
TC1070 or TC1071 data sheets.) Unlike the bipolar regula-
tors, the TC1073 supply current does not increase with load
current. In addition, VOUT remains stable and within regula-
tion at very low load currents (an important consideration in
RTC and CMOS RAM battery back-up applications).
Figure 1 shows a typical application circuit. The regula-
tor is enabled any time the shutdown input (SHDN) is at or
above VIH, and shutdown (disabled) when SHDN is at or
below VIL. SHDN may be controlled by a CMOS logic gate,
or I/O port of a microcontroller. If the SHDN input is not
required, it should be connected directly to the input supply.
While in shutdown, supply current decreases to 0.05
µA
(typical) and VOUT falls to zero volts and ERROR is open-
circuited.
ERROR Open Drain Output
ERROR is driven low whenenver VOUT falls out of
regulation by more than – 5% (typical). The condition my be
caused by low input voltage, output current limiting, or
thermal limiting. The ERROR output voltage value (e.g.
ERROR = VOL at 4.75 (typ) for a 5.0V regulator and 2.85 (typ)
for a 3.0V regulator). ERROR ouput operation is shown in
Figure 2.
Note that ERROR is active when VOUT falls to VTH, and
inactive when VOUT rises above VTH = VHYS.
As shown in Figure 1, ERROR can be used as a battery
low flag, or as a processor RESET signal (with the addition
of timing capacitor C2). R1 x C2 should be chosen to
maintain ERROR below VIH of the processor RESET input
for at least 200msec to allow time for the system to stabilize.
Pull-up resistor R1 can be tied to VOUT, VIN or any other
voltage less than (VIN +0.3V).
Output Capacitor
A 1
µF (min) capacitor from VOUT to ground is recom-
mended. The output capacitor should have an effective
series resistance of 5
Ω or less, and a resonant frequency
above 1MHz. A 1
µF capacitor should be connected from VIN
to GND if there is more than 10 inches of wire between the
regulator and the AC filter capacitor, or if a battery is used as
the power source. Aluminum electrolytic or tantalum capaci-
tor types can be used. (Since many aluminum electrolytic
capacitors freeze at approximately – 30
°C, solid tantalums
are recommended for applications operating below – 25
°C.)
When operating from sources other than batteries, supply-
noise rejection and transient response can be improved by
increasing the value of the input and output capacitors and
employing passive filtering techniques.
Bypass Input
A 470pF capacitor connected from the Bypass input to
ground reduces noise present on the internal reference,
which in turn significantly reduces output noise. If output
noise is not a concern, this input may be left unconnected.
Larger capacitor values may be used, but results in a longer
time period to rated output voltage when power is initially
applied.
Thermal Considerations
Thermal Shutdown
Integrated thermal protection circuitry shuts the regula-
tor off when die temperature exceeds 160
°C. The regulator
remains off until the die temperature drops to approximately
150
°C.
Power Dissipation
The amount of power the regulator dissipates is prima-
rily a function of input and output voltage, and output current.
Figure 1. Typical Application Circuit
1
µF
C1
0.2
µF
C2
R1
1M
V+
C3, 470pF
C2 Requires Only
if ERROR is used as a
Processor RESET Signal
(See Text)
Shutdown Control
(to CMOS Logic or Tie
to V
IN if unused)
BATTLOW
or RESET
TC1073
VIN
BATTERY
Bypass
VOUT
ERROR
SHDN
GND
VOUT
1
µF
Figure 2. ERROR Output Operation
VIH
VOL
ERROR
V
TH
V
OUT
HYSTERESIS (V
HYS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com